Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT0610 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT0610
Description  33 x 120 LCD Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT0610 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT0610 Datasheet HTML 1Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 2Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 3Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT0610 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Pin Description
Pin Name
I/O
Description
VDD
I
VDD is the positive supply to the digital control circuit and other circuitry in LCD bias voltage
generator (Must have same voltage level with VDDA)
RES
I
Active low reset pin; reset all internal status of circuit (Same as power on reset)
VSS
I
VSS is ground
DCOM
I
If pull this pin
²High² then D0~D7 bi-direction bus is used for data transferring; If DCOM pin is
²Low² then D0~D7 bi-direction bus is used for command transferring.
RW
I
If pull this pin high: Indicate we want to read the display data RAM or the internal state. If we
force this to Low: Indicate we want to write data to display data RAM or write some internal
state to registers.
CS
I
This pin is normal low clock input. Data on D0~D7 bi-direction data bus are latched at the fall-
ing edge of CS
D0~D7
B
Those bi-direction pins are used for DATA or command transferring.
CE
I
High input to this pin to enable the control pins on the driver.
OSC1
I
Oscillator input pin.
For internal oscillator mode, this is an input for the internal low power RC oscillator circuit. In
this mode, an external resistor of certain value is placed between the OSC1 and OSC2 pins.
For external oscillator mode, OSC1 pin should be left open
OSC2
O
Oscillator output pin
For internal oscillator mode, this is an output for the internal low power RC oscillator circuit.
External Oscillator input
For external oscillator mode, OSC2 will be an input pin for external clock and no external resis-
tor is needed.
C1P, C1N
¾ If internal DC/DC converter is enabled, a capacitor is required to connect these two pins.
C2P, C2N
¾
If internal tripler is enabled, a capacitor is required to connect these two pins. Otherwise, leave
these pin open.
VLL2~VLL6
O
Group of voltage level pins for driving the LCD panel. They can either be connected to external
driving circuit for external bias supply or connected internally to built-in divider circuit. For in-
ternal voltage divider enable, a 0.1
mF capacitor to VSS is required on each pin.
DUM1, DUM2
O
If internal voltage divider is enable with 1/7 bias selected, a capacitor to VSS is required on
each pin. Otherwise, pull these two pin to VSS
C+, C-
¾ If internal divider circuit is enable, a capacitor is required to connect between these two pin
VCCA1
O
If internal DC/DC Converter is enabled, a 0.1
mF capacitor from this pin to VSS is required. It
can also be an external bias input pin if internal DC/DC converter is not used
VF, VR
¾
This is a feedback path for the gain control (external contrast control) of VLL1 to VLL6. For ad-
justing the LCD driving voltage, it requires a feedback resistor placed between VR and VF, a
gain control resistor placed between VF and VSS, a 10uF capacitor placed between VR and
VSS.
COM0~COM32
O
These pins provide the row driving signal to LCD panel
VDDA
I
VDDA is the positive supply to the noise sensitive circuitry and must have same voltage level
with VDD
ICON1~ICON4
O
There are four independent annunciator driving outputs
IBP
O
This pin combines with ICON1~ICON4 pins to form annunciator driving part.
SEG0~SEG119
O
These 120 pins provide LCD column driving signal to LCD panel.
HT0610
Rev. 1.00
5
February 24, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com