Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G07DBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  LAUNCHXL-F28379D Overview
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 18Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 19Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 20Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 21Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 22Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 23Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 24Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 25Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LAUNCHXL-F28379D Hardware
www.ti.com
22
SPRUI77C – August 2016 – Revised March 2019
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
LAUNCHXL-F28379D Overview
Table 9. LAUNCHXL-F28379D Bill of Materials (continued)
Item
#
Note
Part Number
Qty
REF
Desig
nator
Manufacturer
(Digi-Key)
Description
ROHS
(Digi-
Key)
Lead Free
Status
Reach
Status
(Digi-
Key)
Reach
Effective
Date
(Digi-
Key)
Availability
Description
(Digi-Key)
Manufacturer
Part Number
Digi-Key)
Digi-Key
Part Number
(Digi-Key)
26
Thick film
Resistor
RC0402FR-071ML
1
R7
Yageo
RES,1M,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 1M Ω 1%
1/16W 0402
RC0402FR-071ML
311-1.00MLRCT-
ND
27
Thick film
Resistor
RC0603JR-070RL
6
R67,R69,
R71,R73,
R75,R77
Yageo
RES,0R,±5%,1/10W,
SMD0603
YES
Lead Free
Reach
Not
Affected
Dec-2015
Active
RES SMD 0.0Ω
JUMPER 1/10W 0603
RC0603JR-070RL
311-0.0GRCT-ND
28
Thick film
Resistor
RL0603FR-070R1L
2
R11,R52
Yageo
RES,0R1,±1%,1/10W,
SMD0603
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 0.1 Ω 1%
1/10W 0603
RL0603FR-070R1L
311-.10QCT-ND
29
Thick film
Resistor
RC0603FR-
07120RL
1
R34
Yageo
RES,120R,±1%,1/10W,
SMD0603
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 120 Ω 1%
1/10W 0603
RC0603FR-
07120RL
311-120HRCT-ND
30
Thick film
Resistor
RC0402FR-
07820RL
2
R4, R5
Yageo
RES,820R,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 820 Ω 1%
1/16W 0402
RC0402FR-
07820RL
311-820LRCT-ND
31
Thick film
Resistor
RC0402FR-
07680RL
6
R1,R26,R
27,R38,R
39, R46
Yageo
RES,680R,±1%,1/16W,
SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 680 Ω 1%
1/16W 0402
RC0402FR-
07680RL
311-680LRCT-ND
32
Thick film
Resistor
ERJ-2RKF1783X
1
R53
Panasonic
Electronic
Components
RES, 178K Ω, 1%,
1/10W, SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 178K Ω 1%
1/10W 0402
ERJ-2RKF1783X
P178KLCT-ND
33
Thick film
Resistor
ERJ-2RKF6492X
1
R54
Panasonic
Electronic
Components
RES, 64.9K Ω, 1%,
1/10W, SMD0402
YES
Lead Free
Reach
Not
Affected
Jan-2017
Active
RES SMD 64.9K Ω
1% 1/10W 0402
ERJ-2RKF6492X
P64.9KLCT-ND
34
Thick film
Resistor
CRCW040212R0JN
ED
2
R58, R65
Vishay Dale
RES SMD 12 Ω 5%
1/16W 0402 TR
YES
Lead Free
Reach
Not
Affected
Dec-2015
Active
RES SMD 12 Ω 5%
1/16W 0402
CRCW040212R0JN
ED
541-12JCT-ND
35
Ceramic
Capacitor
GRM1555C1H101J
A01D
2
C20, C82
Murata
Electronics North
America
CAP,100PF,±5%,C0G,
50V,SMD0402
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 100PF 50V
C0G/NP0 0402
GRM1555C1H101J
A01D
490-5922-1-ND
36
Ceramic
Capacitor
GRM1555C1H181J
A01D
1
C40
Murata
Electronics North
America
CAP,180PF,±5%,C0G,
50V,SMD0402
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 180PF 50V
C0G/NP0 0402
GRM1555C1H181J
A01D
490-3231-1-ND
37
Ceramic
Capacitor
GRM1555C1H821J
A01D
1
C25
Murata
Electronics North
America
CAP,820PF,±5%,C0G,
50V,SMD0402
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 820PF 50V
C0G/NP0 0402
GRM1555C1H821J
A01D
490-3242-1-ND
38
Ceramic
Capacitor
GRM155R71H102K
A01D
6
C50, C51,
C52, C53,
C54, C55
Murata
Electronics North
America
CAP,1NF,±10%,X7R,
50V,SMD0402
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 1000PF
50V X7R 0402
GRM155R71H102K
A01D
490-1303-1-ND
39
Ceramic
Capacitor
GRM155R61A224K
E19D
1
C83
Murata
Electronics North
America
CAP,220NF,±10%,X5R,
10V,SMD0402
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 0.22UF 10V
X5R 0402
GRM155R61A224K
E19D
490-3910-1-ND
40
Ceramic
Capacitor
GRM155R60J105K
E19D
5
C6, C7,
C19,
C21,C22
Murata
Electronics North
America
CAP,1UF,±10%,X5R,6.3
V,SMD0402 ?suffix J
stand for 330mm reel ?
YES
Lead Free
Reach
Not
Affected
Jun-2016
Active
CAP CER 1UF 6.3V
X5R 0402
GRM155R60J105K
E19D
490-1320-1-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com