Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86030 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT86030
Description  Voice Synthesizer 8-Bit MCU
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86030 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT86030 Datasheet HTML 17Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 18Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 19Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 20Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 21Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 22Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 23Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 24Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 25Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Application Circuits
HT86030/HT86070
Rev. 1.00
21
February 20, 2006
O S C 2
O S C 1
H T 8 6 0 3 0 / H T 8 6 0 7 0
V D D
8 0 5 0
S P K
( 8 W / 1 6 W )
A U D
0 . 1 m F
P A 0 ~ P A 7
P B 0 ~ P B 7
R E S
V D D
V D D
I N T
1 0 0 k W
V D D
0 . 1 m F
1 0 0 m F
V S S
V S S A
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
N o t e : R 1 > R 2
R 1
R 2
O S C 2
O S C 1
H T 8 6 0 3 0 / H T 8 6 0 7 0
A U D
4 M H z ~ 8 M H z
1
2
3
4
5
6
7
8
H T 8 2 V 7 3 3
V D D
4 7 m F
0 . 1 m F
1 0 m F
O U T N
V D D
V R E F
N C
C E
A u d i o I n
A u d i o I n
R E S
V D D
V D D
I N T
1 0 0 k W
V D D
0 . 1 m F
1 0 0 m F
V S S
V S S A
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
P A 0 ~ P A 7
P B 0 ~ P B 7
S P K
( 8 W / 1 6 W )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com