Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95L00P Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT95L00P
Description  CID Type Phone 8-Bit MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95L00P Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT95L00P Datasheet HTML 27Page - Holtek Semiconductor Inc HT95L00P Datasheet HTML 28Page - Holtek Semiconductor Inc HT95L00P Datasheet HTML 29Page - Holtek Semiconductor Inc HT95L00P Datasheet HTML 30Page - Holtek Semiconductor Inc HT95L00P Datasheet HTML 31Page - Holtek Semiconductor Inc HT95L00P Datasheet HTML 32Page - Holtek Semiconductor Inc HT95L00P Datasheet HTML 33Page - Holtek Semiconductor Inc HT95L00P Datasheet HTML 34Page - Holtek Semiconductor Inc HT95L00P Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
Bit No.
Label
R/W
Function
0
FRAME
RW
LCD frame selection
0: LCD frame is 64Hz
1: LCD frame is 128Hz
1
VBIAS
RW
LCD BIAS selection
0: select 1/16 duty and 1/5 bias, COM15~COM0 are available
1: select 1/8 duty and 1/4 bias, only COM15~COM8 are available
When the 8 COM is selected
HT95C400/40P: COM7~COM0 will be optioned to unused pins
HT95C300/30P: COM7~COM0 will be optioned to unused pins
HT95C200/20P: COM7~COM0 are disabled, PD7~PD0 are available
2
LBEN
RW
Low battery detection switch
0: disable the low battery detection
1: enable the low battery detection
3
¾
RO
Unused bit, read as
²0²
4
LBFG
RO
Low battery detection flag
1: LBIN pin voltage is less than 1.15V
0: LBIN pin voltage is not less than 1.15V
5
6
VCON0
VCON1
RW
LCD contrast adjusting
Bit6,5=00: LCD voltage supply is 0.66
´VLCD
Bit6,5=10: LCD voltage supply is 0.82
´VLCD
Bit6,5=01: LCD voltage supply is 0.93
´VLCD
Bit6,5=11: LCD voltage supply is 1.00
´VLCD
7
LCDON
RW
1: Turn on the LCD display
0: Turn off the LCD display
LCDC (2DH) Register
Bit No.
Label
R/W
Function
0~4
¾
RO
Unused bit, read as
²0²
5
SPE0
RW
Supported for HT95C400/40P, HT95C300/30P
Bit value is 0:
HT95C400/40P: SEG47~SEG44 output are available
HT95C300/30P: SEG47~SEG44 output are available
Bit value is 1:
HT95C400/40P: PE3~PE0 output are available
HT95C300/30P: PE3~PE0 output are available
6
SPD0
RW
Supported for HT95C400/40P, HT95C300/30P
Bit value is 0: SEG39~SEG36 output are available
Bit value is 1: PD3~PD0 output are available
7
SPD1
RW
Supported for HT95C400/40P, HT95C300/30P
Bit value is 0: SEG43~SEG40 output are available
Bit value is 1: PD7~PD4 output are available
LCDIO (28H) Register
HT95CXXX
Rev. 1.50
31
May 26, 2005
LCD Driver
The LCD driver can directly drive an LCD panel with 1/8
duty and 1/4 bias or with 1/16 duty and 1/5 bias, this
function is selected by the flag VBIAS. The frame of this
LCD driver may select a 64Hz or 128Hz by flag FRAME.
LCD driver uses the voltage of the VLCD pin as the
power source. To adjust the view angle, the programmer
can select the real LCD power by the flags VCON0 and
VCON1. The flag LCDON is used to turn On/Off the LCD
display. Note that the VLCD voltage must equal or be
less than VDD.
Segment/Common to I/O Selection
For the flexible purpose, some of the LCD COMMON
and SEGMENT pins are shared with the input/output
port.
Both of the HT95C400/40P and HT95C300/30P provide
12 pins to be selected to SEGMENT output pins or I/O
pins. HT95C200/20P provides 8 pins to be selected for
COMMON output pins or I/O pins.
All of the HT95C400/40P, HT95C300/30P and
HT95C200/20P provide the LCD COMMON output pins
for 8 COMMON or 16 COMMON. The description of the
relation between segment pins, common pins and I/O
pins are shown on the below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com