Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSC36DM Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # CSC36DM
Description  Display Mount Adapter Kit for 36-Device AC Charging Station Cart
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC36DM Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  CSC36DM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC36DM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Scratch-resistant powder-coated finish
q
Easily rolls through standard doorways when assembled
q
VESA Compliance
Supports the following VESA mounting hole patterns: 200 x 200 mm, 300 x 300 mm, 400 x 200 mm,
400 x 400 mm, 600 x 400 mm and 800 x 400 mm
q
OVERVIEW
UPC Code
037332204035
Accessory Type
Displaymount Adapter Kit
Accessory Class
Charging Station Accessories
PHYSICAL
Color
Black
Shipping Dimensions (hwd / in.)
11.00 x 13.19 x 68.89
Shipping Dimensions (hwd / cm)
27.94 x 33.50 x 174.98
Shipping Weight (lbs.)
99.66
Shipping Weight (kg)
45.21
Unit Dimensions (hwd / in.)
57.500 x 29.500 x 42.000
Unit Dimensions (hwd / cm)
146.05 x 74.93 x 106.68
Unit Weight (lbs.)
92.84
Unit Weight (kg)
42.11
WARRANTY & SUPPORT
Product Warranty Period
(Worldwide)
5-year limited warranty
© 2022 Eaton. All Rights Reserved.
Eaton is a registered trademark. All other trademarks
are the property of their respective owners.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com