Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS02 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMS02
Description  Switching Mode Power Supply Applications Portable Equipment Battery Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS02 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMS02 Datasheet HTML 1Page - Toshiba Semiconductor CMS02 Datasheet HTML 2Page - Toshiba Semiconductor CMS02 Datasheet HTML 3Page - Toshiba Semiconductor CMS02 Datasheet HTML 4Page - Toshiba Semiconductor CMS02 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMS02
2006-11-13
1
TOSHIBA Schottky Barrier Rectifier Trench Schottky Barrier Type
CMS02
Switching Mode Power Supply Applications
Portable Equipment Battery Applications
• Forward voltage: VFM = 0.40 V (max)
• Average forward current: IF (AV) = 3.0 A
• Repetitive peak reverse voltage: VRRM = 30 V
• Suitable for compact assembly due to small surface-mount package
“M-FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
30
V
Average forward current
IF (AV)
3.0
(Note 1)
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
40 (50 Hz)
A
Junction temperature
Tj
−40~125
°C
Storage temperature
Tstg
−40~150
°C
Note 1: Tℓ
= 89.2°C: Rectangular waveform (α = 180°), VR = 15 V
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 0.5 A
⎯
0.27
⎯
VFM (2)
IFM = 1.0 A
⎯
0.30
⎯
Peak forward voltage
VFM (3)
IFM = 3.0 A
⎯
0.37
0.40
V
IRRM
VRRM = 5 V
⎯
0.05
⎯
Repetitive peak reverse current
IRRM
VRRM = 30 V
⎯
0.07
0.5
mA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
⎯
170
⎯
pF
Device mounted on a ceramic board
(soldering land: 2 mm
× 2 mm)
⎯
⎯
60
Rth (j-a)
Device mounted on a glass-epoxy
board
(soldering land: 6 mm
× 6 mm)
⎯
⎯
135
Thermal resistance
Rth (j-ℓ)
⎯
⎯
⎯
16
°C/W
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)


Similar Part No. - CMS02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
Switching Mode Power Supply Applications
logo
CUI INC
CMS0201KFL-1X CUI-CMS0201KFL-1X Datasheet
228Kb / 2P
speaker
CMS0201KLX CUI-CMS0201KLX Datasheet
306Kb / 2P
speaker
logo
CUI Devices
CMS0201KLX CUID-CMS0201KLX Datasheet
561Kb / 3P
SPEAKER
08/05/2022
logo
CUI INC
CMS0231KLX CUI-CMS0231KLX Datasheet
282Kb / 2P
speaker
More results

Similar Description - CMS02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS04 TOSHIBA-CMS04 Datasheet
183Kb / 4P
Switching Mode Podwe Supply Appications Portable Equipment Battery Applications
CMS05 TOSHIBA-CMS05 Datasheet
164Kb / 4P
SWITHING MODE POWER SUPPLY APPLICATIONS PORTABLE EQUIPMENT BATTARY APPLICATIONS
CMS07 TOSHIBA-CMS07 Datasheet
129Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS08 TOSHIBA-CRS08 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS09 TOSHIBA-CMS09 Datasheet
134Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS05 TOSHIBA-CRS05 Datasheet
175Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CUS15I30A TOSHIBA-CUS15I30A Datasheet
197Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS16 TOSHIBA-CMS16 Datasheet
182Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications
CUS05 TOSHIBA-CUS05 Datasheet
180Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
CUS06 TOSHIBA-CUS06 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com