Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF85N03DA Datasheet(PDF) 2 Page - Anachip Corp

Part # AF85N03DA
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF85N03DA Datasheet(HTML) 2 Page - Anachip Corp

  AF85N03DA Datasheet HTML 1Page - Anachip Corp AF85N03DA Datasheet HTML 2Page - Anachip Corp AF85N03DA Datasheet HTML 3Page - Anachip Corp AF85N03DA Datasheet HTML 4Page - Anachip Corp AF85N03DA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AF85N03
N-Channel Enhancement Mode Power MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Aug 10, 2005
2/5
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
TC=25ºC
75
ID
Continuous Drain Current, VGS=4.5V
TC=100ºC
55
A
IDM
Pulsed Drain Current (Note 1)
350
A
Total Power Dissipation
TC=25ºC
107
W
PD
Linear Derating Factor
0.7
W/ºC
TSTG
Storage Temperature Range
-55 to 175
ºC
TJ
Operating Junction Temperature Range
-55 to 175
ºC
Thermal Data
Symbol
Parameter
Maximum
Units
RθJC
Thermal Resistance Junction-Case
Max.
1.4
ºC/W
RθJA
Thermal Resistance Junction- Ambient
Max.
110
ºC/W
Electrical Characteristics (T
J=25ºC unless otherwise noted)
Limits
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
∆BVDSS/∆TJ
Breakdown Voltage Temperature
Coefficient
Reference to 25ºC,
ID=1mA
-
0.018
-
V/ºC
VGS=10V, ID=45A
-
-
6
RDS(ON)
Static Drain-Source
On-Resistance (Note 2)
VGS=4.5V, ID=30A
-
-
10
mΩ
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=30A
-
32
-
S
Drain-Source Leakage
Current(TJ=25ºC)
VDS=30V, VGS=0V
-
-
1
IDSS
Drain-Source Leakage
Current(TJ=175ºC)
VDS=24V, VGS=0V
-
-
500
uA
IGSS
Gate Source Leakage
VGS=±20V
-
-
±100
nA
Qg
Total Gate Charge (Note 2)
-
33
52
Qgs
Gate-Source Charge
-
7.5
-
Qgd
Gate-Drain (“Miller”) Charge
ID=30A
VDS=24V
VGS=4.5V
-
24
-
nC
td(on)
Turn-On Delay Time (Note 2)
-
11.2
-
tr
Rise Time
-
77
-
td(off)
Turn-Off Delay Time
-
35
-
tf
Fall-Time
VDS=15V
ID=30A
RG=3.3Ω, VGS=10V
RD=0.5Ω
-
67
-
nS
Ciss
Input Capacitance
-
2700
4200
Coss
Output Capacitance
-
550
-
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=25V,
f=1.0MHz
-
380
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD
Forward On Voltage (Note 2)
IS=45A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
-
28
-
ns
Qrr
Reverse Recovery Charge
IS=30A, VGS=0V,
dl/dt=100A/µs
-
10
-
nC
Note 1: Pulse width limited by safe operating area.
Note 2: Pulse width < 300us, duty cycle < 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com