Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7565 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7565 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ST7565 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 45Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 46Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 47Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 48Page - List of Unclassifed Manufacturers ST7565 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
ST7565S
Ver 0.3c
45/72
2002/07/22
LCD Bias Set
This command selects the voltage bias ratio required for the liquid crystal display.
Select Status
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0 1/65duty
1/49duty 1/33duty 1/55duty 1/53duty
1/9 bias
1/8 bias
1/6 bias
1/8 bias
1/8 bias
0
1
0
1
0
1
0
0
0
1
0
1
1/7 bias
1/6 bias
1/5 bias
1/6 bias
1/6 bias
Read/Modify/Write
This command is used paired with the “END” command. Once this command has been input, the display data read command
does not change the column address, but only the display data write command increments (+1) the column address. This mode
is maintained until the END command is input. When the END command is input, the column address returns to the address it
was at when the read/modify/write command was entered. This function makes it possible to reduce the load on the MPU when
there are repeating data changes in a specified display region, such as when there is a blanking cursor.
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
1
1
0
0
0
0
0
* Even in read/modify/write mode, other commands aside from display data read/write commands can also be used.
END
Page address set
Column address set
Dummy read
Data read
Data write
Changes
Finished ?
Read-modify-write cycle
NO
YES
Figure 24 Command Sequence For read modify write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com