Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1070-RTR1 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 49Page - Texas Instruments CC1070-RTR1 Datasheet HTML 50Page - Texas Instruments CC1070-RTR1 Datasheet HTML 51Page - Texas Instruments CC1070-RTR1 Datasheet HTML 52Page - Texas Instruments CC1070-RTR1 Datasheet HTML 53Page - Texas Instruments CC1070-RTR1 Datasheet HTML 54Page - Texas Instruments CC1070-RTR1 Datasheet HTML 55Page - Texas Instruments CC1070-RTR1 Datasheet HTML 56Page - Texas Instruments CC1070-RTR1 Datasheet HTML 57Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
CC1070
SWRS043
Page 53 of 58
Quad Flat Pack - No Lead Package (QFN)
D
E
A
A1
e
b
L
D1
E1
P
QFN 20
Min
Nom
Max
5.0
5.0
0.8
1.0
0.203
0.65
0.25
0.30
0.35
0.45
0.55
0.65
2.9
3.0
3.1
2.9
3.0
3.1
45
°
All dimensions in mm. Angles are in degrees.
Note: Do not place a via underneath
CC1070 at “pin #1 corner” as this pin is internally connected to the
exposed die attached pad, which is the main ground connection for the chip.
25.1 Package Marking
When contacting technical support with a chip-related question, please state the entire marking
information, not just the date code.
Standard leaded
0315123
0315 is the date code (year 03, week 15)
123 is the lot code
RoHS compliant Pb-free
A440123
440 is the date code (year 4, week 40)
123 is the lot code
A means RoHS compliant Pb-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com