Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4730 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4730
Description  Stereo 14W Audio Power Amplifier with Mute and Standby Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4730 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4730 Datasheet HTML 1Page - National Semiconductor (TI) LM4730 Datasheet HTML 2Page - National Semiconductor (TI) LM4730 Datasheet HTML 3Page - National Semiconductor (TI) LM4730 Datasheet HTML 4Page - National Semiconductor (TI) LM4730 Datasheet HTML 5Page - National Semiconductor (TI) LM4730 Datasheet HTML 6Page - National Semiconductor (TI) LM4730 Datasheet HTML 7Page - National Semiconductor (TI) LM4730 Datasheet HTML 8Page - National Semiconductor (TI) LM4730 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM4730
Stereo 14W Audio Power Amplifier with Mute and
Standby Modes
General Description
The LM4730 is a stereo audio amplifier capable of delivering
typically 14W per channel of continuous average output
power into a 4
Ω or 8Ω load with less than 10% THD+N from
20Hz - 20kHz.
Each amplifier has an independent smooth transition fade-
in/out mute and a power conserving standby mode which
can be controlled by external logic.
The LM4730 has short circuit protection and a thermal shut
down feature that is activated when the die temperature
exceeds 150˚C. The LM4730 also has a under voltage lock
out feature for click and pop free power off and on.
The LM4730 has a wide operating supply range from +/-10V
- +/-25V allowing for lower cost unregulated power supplies
to be used.
Key Specifications
n
Output power into 4
Ω or 8Ω, 10% THD+N
14W (typ)
n
THD+N at 1kHz with2X1W into 8
Ω
0.02% (typ)
n
Mute Attenuation
85dB (typ)
n
PSRR with f
RIPPLE = 120Hz, VRIPPLE =1VRMS 50dB (typ)
n
Slew Rate
18V/µs (typ)
n
Standby Current (+/-17V)
3.5mA (typ)
Features
n
Minimal amount of external components necessary
n
Quiet fade-in/out mute mode
n
Low current Standby-mode
Applications
n
Audio amplifier for high-end stereo TVs
n
Audio amplifier for component stereo
n
Audio amplifier for compact stereo
n
Audio amplifier for PC satellite speaker systems
n
Audio amplifier for self powered speakers
Connection Diagrams
Plastic Package (Note 12)
TO-220 Top Marking (Note 12)
20059452
Top View
Non-Isolated Package
Order Number LM4730TA
See NS Package Number TA15A
20059474
Top View
U - Wafer Fab Code
Z - Assembly Plant Code
XY - Date Code
TT - Die Traceability
LM4730TA - LM4730TA
July 2003
© 2003 National Semiconductor Corporation
DS200594
www.national.com


Similar Part No. - LM4730

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4731TA NSC-LM4731TA Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
Stereo 50W Audio Power Amplifier with Mute
LM4732TA NSC-LM4732TA Datasheet
861Kb / 22P
Stereo 50W Audio Power Amplifier with Mute
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
3 Channel 30W Audio Power Amplifier with Mute
More results

Similar Description - LM4730

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
National Semiconductor ...
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
logo
Texas Instruments
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com