Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4869MH Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4869MH
Description  1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4869MH Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4869MH Datasheet HTML 4Page - National Semiconductor (TI) LM4869MH Datasheet HTML 5Page - National Semiconductor (TI) LM4869MH Datasheet HTML 6Page - National Semiconductor (TI) LM4869MH Datasheet HTML 7Page - National Semiconductor (TI) LM4869MH Datasheet HTML 8Page - National Semiconductor (TI) LM4869MH Datasheet HTML 9Page - National Semiconductor (TI) LM4869MH Datasheet HTML 10Page - National Semiconductor (TI) LM4869MH Datasheet HTML 11Page - National Semiconductor (TI) LM4869MH Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Typical Performance Characteristics
MH Specific Characteristics (Continued)
PSRR vs Frequency
THD vs Frequency
200428A9
V
DD = 5V, RL =8
Ω,R
SOURCE =10
Ω
V
RIPPLE = 200mVP-P, at (from top to bottom at 1kHz):
A
V = 21.6dB, AV = 15.6dB,
A
V = 10dB, AV = 6dB
200428B0
V
DD = 3V, RL =4
Ω,P
OUT = 150mW,
at (from top to bottom at 1kHz):
A
V = 21.6dB, AV = 15.6dB,
A
V = 10dB, AV = 6dB
THD vs Frequency
THD vs Output Power
200428B1
V
DD = 3V, RL =8
Ω,P
OUT = 150mW,
at (from top to bottom at 1kHz):
A
V = 21.6dB, AV = 15.6dB,
A
V = 10dB, AV = 6dB
200428B3
V
DD = 3V, RL =4
Ω,f
IN = 1kHz,
at (from top to bottom at 200mW):
A
V = 21.6dB, AV = 6dB,
A
V = 15.6dB, AV = 10dB
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com