Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPS22QS Datasheet(PDF) 55 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 49Page - STMicroelectronics ILPS22QS Datasheet HTML 50Page - STMicroelectronics ILPS22QS Datasheet HTML 51Page - STMicroelectronics ILPS22QS Datasheet HTML 52Page - STMicroelectronics ILPS22QS Datasheet HTML 53Page - STMicroelectronics ILPS22QS Datasheet HTML 54Page - STMicroelectronics ILPS22QS Datasheet HTML 55Page - STMicroelectronics ILPS22QS Datasheet HTML 56Page - STMicroelectronics ILPS22QS Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
List of tables
Table 1.
Pin description...................................................................... 4
Table 2.
Pressure and temperature sensor characteristics .............................................. 5
Table 3.
Absolute pressure accuracy at different full-scale modes......................................... 6
Table 4.
Electrical characteristics - pressure and temperature ........................................... 7
Table 5.
Electrical parameters of Qvar (@Vdd = 1.8 V, T = 25 °C) ........................................ 7
Table 6.
Input impedance of Qvar............................................................... 7
Table 7.
DC characteristics ................................................................... 8
Table 8.
SPI slave timing values................................................................ 9
Table 9.
I²C slave timing values ............................................................... 10
Table 10.
Absolute maximum ratings ............................................................ 11
Table 11.
Serial interface pin description .......................................................... 25
Table 12.
I²C terminology .................................................................... 25
Table 13.
SAD+read/write patterns.............................................................. 26
Table 14.
Transfer when master is writing one byte to slave............................................. 26
Table 15.
Transfer when master is writing multiple bytes to slave ......................................... 26
Table 16.
Transfer when master is receiving (reading) one byte of data from slave ............................. 26
Table 17.
Transfer when master is receiving (reading) multiple bytes of data from slave ......................... 26
Table 18.
MIPI I3CSM CCC commands ........................................................... 30
Table 19.
Registers address map ............................................................... 32
Table 20.
Output data rate bit configurations ....................................................... 36
Table 21.
Averaging selection ................................................................. 36
Table 22.
Power consumption for pressure acquisition ................................................ 37
Table 23.
Power consumption for Qvar acquisition ................................................... 37
Table 24.
Noise performance of pressure ......................................................... 37
Table 25.
FIFO mode selection ................................................................ 41
Table 26.
Reel dimensions for carrier tape of HLGA-10L package ........................................ 50
Table 27.
Document revision history ............................................................. 51
ILPS22QS
List of tables
DS13431 - Rev 3
page 55/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com