Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGAP2S
Description  STGAP2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2S Datasheet(HTML) 1 Page - STMicroelectronics

  STGAP2S Datasheet HTML 1Page - STMicroelectronics STGAP2S Datasheet HTML 2Page - STMicroelectronics STGAP2S Datasheet HTML 3Page - STMicroelectronics STGAP2S Datasheet HTML 4Page - STMicroelectronics STGAP2S Datasheet HTML 5Page - STMicroelectronics STGAP2S Datasheet HTML 6Page - STMicroelectronics STGAP2S Datasheet HTML 7Page - STMicroelectronics STGAP2S Datasheet HTML 8Page - STMicroelectronics STGAP2S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Features
High voltage rail up to 1700 V
Driver current capability: 4 A sink/source @25°C
dV/dt transient immunity ±100 V/ns in full temperature range
Overall input-output propagation delay: 75 ns
Separate sink and source option for easy gate driving configuration
4 A Miller CLAMP dedicated pin option
UVLO function
Gate driving voltage up to 26 V
3.3 V, 5 V TTL/CMOS inputs with hysteresis
Temperature shut-down protection
Standby function
Narrow body SO8
UL 1577 recognized
Application
Motor driver for home appliances, factory automation, industrial drives and fans.
600/1200 V inverters
Battery chargers
Induction heating
Welding
UPS
Power supply units
DC-DC converters
Power Factor Correction
Description
The STGAP2S is a single gate driver which provides galvanic isolation between the
gate driving channel and the low voltage control and interface circuitry.
The gate driver is characterized by 4 A capability and rail-to-rail outputs, making the
device also suitable for mid and high power applications such as power conversion
and motor driver inverters in industrial applications. The device is available in
two different configurations. The configuration with separated output pins allows
to independently optimize turn-on and turn-off by using dedicated gate resistors.
The configuration featuring single output pin and Miller CLAMP function prevents
gate spikes during fast commutations in half-bridge topologies. Both configurations
provide high flexibility and bill of material reduction for external components.
The device integrates UVLO and thermal shutdown protection functions to facilitate
the design of highly reliable systems. Dual input pins allow the selection of signal
polarity control and implementation of HW interlocking protection to avoid cross-
conduction in case of controller malfunction. The input to output propagation delay
is less than 75 ns, which delivers high PWM control accuracy. A standby mode is
available to reduce idle power consumption.
Product status link
STGAP2S
Product label
Galvanically isolated 4 A single gate driver
STGAP2S
Datasheet
DS12541 - Rev 3 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGAP2S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2SICSCTR STMICROELECTRONICS-STGAP2SICSCTR Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com