| Electronic Components Datasheet Search |
|
STGAP2SCMTR Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP2SCMTR Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 23 page ![]() 5.7 Standby function Inorder to reduce the power consumption of both control interface and gate driving sides the device can be put in standby mode. In standby mode the quiescent current from VDD and VH supply pins is reduced to IQDDSBY and IQHSBY respectively, and the output remains in 'safe state' (the output is actively forced low). The way to enter standby is to keep both IN+ and IN- high (“standby” value) for a time longer than tSTBY. During standby the inputs can change from the “stand-by” value. To exit stand-by, IN+ and IN- must be put in any combination different from the “standby” value for a time longer than tstbyfilt , and then in the “standby” value for a time t such that tWUP<t < tSTBY. When the input configuration is changed from the “standby” value the output is enabled and set according to inputs state after a time tawake. Figure 6. Standby state sequences Sequence to enter stand-by mode Sequence to exit stand-by mode t < tSTBY t = tSTBY IN+ & IN- Device status Output ACTIVE STAND-BY SAFE-STATE ACTIVE “stand-by” “stand-by” duration too short t = tSTBY IN+ & IN- Device status Output ACTIVE STAND-BY SAFE-STATE ACTIVE t > tstbyfilt t < tWUP t > tSTBY tWUP < t < tSTBY t = tawake ACTIVE ACTIVE “stand-by” “stand-by” “stand-by” “stand-by” duration too short duration too long “stand-by”: IN+ = IN - = HIGH is any different combination STGAP2S Standby function DS12541 - Rev 3 page 10/23 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |