Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS80A150CSG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS80A150CSG
Description  Rad-Hard 2 x 40 A - 150 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80A150CSG Datasheet(HTML) 4 Page - STMicroelectronics

  STPS80A150CSG Datasheet HTML 1Page - STMicroelectronics STPS80A150CSG Datasheet HTML 2Page - STMicroelectronics STPS80A150CSG Datasheet HTML 3Page - STMicroelectronics STPS80A150CSG Datasheet HTML 4Page - STMicroelectronics STPS80A150CSG Datasheet HTML 5Page - STMicroelectronics STPS80A150CSG Datasheet HTML 6Page - STMicroelectronics STPS80A150CSG Datasheet HTML 7Page - STMicroelectronics STPS80A150CSG Datasheet HTML 8Page - STMicroelectronics STPS80A150CSG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.3
Electrical characteristics
Limiting value per diodes, unless otherwise specified.
Table 3. Static electrical characteristics
Symbol
Parameter
MIL-STD-750 test
method
Test conditions
Min. Typ. Max. Unit
IR(1)
Reverse leakage current
4016
DC method, VR = 150 V
Tj = 25 °C
-
14
µA
Tj = 125 °C
-
2.0
8
mA
VF1 (2)(3) Forward voltage drop
4011
IF = 20 A
Tj = -55 °C
-
1.27 1.44
V
Tj = 25 °C
-
0.85 0.93
Tj = 125 °C
-
0.70 0.78
IF = 30 A
Tj = -55 °C
-
1.65 1.87
Tj = 25 °C
-
0.90 0.99
Tj = 125 °C
-
0.76 0.83
IF = 40 A
Tj = -55 °C
-
2.05 2.33
Tj = 25 °C
-
0.95 1.04
Tj = 125 °C
-
0.81 0.88
C(3)
Junction capacitance
4001
VR = 10 V, F = 1 MHz
Tcase = 25 °C
-
237
310
pF
1. 100% tested at 25°C. Compliance with the 125 °C specification is supported by simulation, characterization and, as per
STMicroelectronics wafer lot acceptance procedure, by sampling on 5 parts per wafer lot, with an acceptance criteria of 0. In
case of fail, a 100% test is performed.
2. Pulse width 680 µs, duty cycle ≤ 2%
3. Compliance with the specification is supported by simulation, characterization and, as per STMicroelectronics wafer lot
acceptance procedure, by sampling on 5 parts per wafer lot, with an acceptance criteria of 0. In case of fail, a 100% test is
performed.
STPS80A150CHR
Electrical characteristics
DS13383 - Rev 3
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com