Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS80A45CSG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS80A45CSG
Description  Rad-Hard 2 x 40 A - 45 V Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80A45CSG Datasheet(HTML) 1 Page - STMicroelectronics

  STPS80A45CSG Datasheet HTML 1Page - STMicroelectronics STPS80A45CSG Datasheet HTML 2Page - STMicroelectronics STPS80A45CSG Datasheet HTML 3Page - STMicroelectronics STPS80A45CSG Datasheet HTML 4Page - STMicroelectronics STPS80A45CSG Datasheet HTML 5Page - STMicroelectronics STPS80A45CSG Datasheet HTML 6Page - STMicroelectronics STPS80A45CSG Datasheet HTML 7Page - STMicroelectronics STPS80A45CSG Datasheet HTML 8Page - STMicroelectronics STPS80A45CSG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SMD.5
The upper metallic lid is not internally connected to any pin, nor to the IC die inside the package
STPS80A45CSA1
33518
FR
Pin3 : K
Pin2 : A2
Pin1 : A1
The upper metallic lid is not internally connected to any pin,
nor to the IC die inside the package
Features
Forward current: 2 x 40 A
Repetitive peak reverse voltage: 45 V
Low forward voltage drop: 0.74 V max. at 80 A/125 °C
dV/dt up to 10 kV/µs
Monolithic dual die - common cathode
Hermetic package
TID and SEE characterized
Package mass: 0.92 g
ESCC qualified: 5106/024
Description
The STPS80A45CHR is packaged and screened to comply with the ESCC5000
specification for aerospace products. It is a dual monolithic Schottky rectifier
assembled in an SMD.5 hermetic package and characterized in total dose at high
dose rate and in single event effect to be used in aerospace applications. It is ESCC
qualified.
The complete ESCC specification for this device will be available from the European
Space Agency web site. ST will guarantee full compliance of qualified parts with the
ESCC detailed specification.
Product status link
STPS80A45CHR
Product summary
IF(AV)
2 x 40 A
VRRM
45 V
Tj(max)
175 °C
VF(max) at 2 x 40
A / 125 °C
0.74 V
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
STPS80A45CHR
Datasheet
DS13146 - Rev 2 - March 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS80A45CSG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A150CS1 STMICROELECTRONICS-STPS80A150CS1 Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A150CSG STMICROELECTRONICS-STPS80A150CSG Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
More results

Similar Description - STPS80A45CSG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 40 A
16-Oct-08
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 40 A
12-Sep-08
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
Schottky Rectifier, 2 x 40 A
21-Aug-08
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS60A150CHR STMICROELECTRONICS-STPS60A150CHR Datasheet
215Kb / 11P
Rad-Hard 2 x 30 A - 150 V Schottky rectifier
26-Jan-2022
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com