Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAD Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # XAD
Description  XAD CONNECTOR 2.5 mm pitch/Disconnectable Crimp style wire-to-wire connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XAD Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  XAD Datasheet HTML 1Page - JST Mfg. Co., Ltd. XAD Datasheet HTML 2Page - JST Mfg. Co., Ltd. XAD Datasheet HTML 3Page - JST Mfg. Co., Ltd. XAD Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
XADCONNECTOR
XAD CONNECTOR
2.5 mm pitch/Disconnectable Crimp style wire-to-wire connectors
XAD CONNECTOR
XAD CONNECTOR
No. of
circuits
Model No.
Dimensions (mm)
A
B
Q'ty/bag
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
40
XADRP-08V
XADRP-10V
XADRP-12V
XADRP-14V
XADRP-16V
XADRP-18V
XADRP-20V
XADRP-22V
XADRP-24V
XADRP-26V
XADRP-28V
XADRP-30V
XADRP-32V
XADRP-34V
XADRP-36V
XADRP-40V
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
47.5
14.7
17.2
19.7
22.2
24.7
27.2
29.7
32.2
34.7
37.2
39.7
42.2
44.7
47.2
49.7
54.7
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
500
250
250
Material and Finish
PA 66, UL94V-0, natural (white)
〈8 to 16 circuits〉
〈18 to 40 circuits〉
RoHS2 compliance
〈8 to 16 circuits〉
〈18 to 24 circuits〉
No. of
circuits
Model No.
Dimensions (mm)
C
D
A
B
Q'ty/bag
8
10
12
16
18
20
22
24
XADRR-08V
XADRR-10V
XADRR-12V
XADRR-16V
XADRR-18V
XADRR-20V
XADRR-22V
XADRR-24V
12.9
15.4
17.9
22.9
25.4
27.9
30.4
32.9
7.5
10.0
12.5
17.5
20.0
22.5
25.0
27.5
12.5
15.0
17.5
22.5
25.0
27.5
30.0
32.5
16.2
18.7
21.2
26.2
28.7
31.2
33.7
36.2
1,000
500
500
300
300
300
300
300
Material and Finish
PA 66, UL94V-0, natural (white)
21.5
21.5
Circuit No. 1 mark
Circuit No. 1 mark
21.5
21.5
Circuit No. 1 mark
Circuit No. 1 mark
RoHS2 compliance
Note1: C and D dimensions: Panel layout dimensions
2: Unlisted in UL/CSA/TÜV.
● Receptacle housing compatible with retainer
Receptacle housing (for pin contact)
Plug housing (for socket contact)
H JST 12
2.5
3.6
A
B
Circuit No.1 mark
11.4
2.5
3.6
A
B
Circuit No.1 mark
11.4
H JST 30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com