Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FPB
Description  Resin Coated Metallized Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FPB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FPB Datasheet HTML 1Page - List of Unclassifed Manufacturers FPB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
樹脂外装メタライズドフィルムコンデンサ
Resin Coated Metallized Film Capacitors
FPB SERIES
小型化品
Small size
一般電子機器用 小型化品
For Electronic Equipment, For general use, Miniature
250VDC, 450VDC, 630VDC, 1250VDC
250VDC, 450VDC, 630VDC, 1250VDC
メタライズドポリプロピレン フィルムコンデンサ
Metallized Polypropylene Film Capacitor
難燃性エポキシ樹脂外装(UL 94V-0)
Flame retardant epoxy resin (UL94V-0) coating type
性能 Performance
項 目 Item
性 能 Performance
使用温度範囲
Temperature range
-40~+105℃ ( +85℃を超える時は電圧軽減必要)
Derate the operating voltage if operating temperature is higher than +85℃.
定格電圧範囲
Rated Voltage (U
R)
250VDC, 450VDC, 630VDC, 1250VDC
(1250VDC は 125VAC としても可)
(1250VDC can be used as 125VAC.)
静電容量範囲
Capacitance range
0.001 ~10μF
静電容量許容差
Capacitance tolerance
±10% (K)
耐電圧
Withstanding voltage
端子相互間 :
250VDC, 450VDC, 630VDC : U
R×1.6(VDC) for 1 min
1250VDC : U
R×1.75(VDC) for 2~5sec or 1000VAC 1 min
Between terminals :
端子外装間 :
250VDC, 450VDC, 630VDC : U
R×2(VDC) for 1~5sec
1250VDC : 1500VAC for 1 min
Between terminals and enclosure :
絶縁抵抗
Insulation resistance (IR)
C≦0.33μF : ≧25000MΩ
C>0.33μF : ≧ 7500Ω・F
250, 450 V
DC
: 100 V
DC
for 1 min
630, 1250 V
DC : 500 VDC
for 1 min
誘電正接
tanδ
≦0.001 (1kHz)
形名の構成例 Type designation
外形図 Component outline
FPB 2 2E 474 K -
追加記号:Additional code
静電容量許容差:Capacitance tolerance
定格静電容量:Rated capacitance
定格電圧:Rated voltage
端子同一方向形:Radial lead type
品種名:Type name
・ テーピング
:Taping
・ リードフォーミング : Formed lead
・ リードカット
: Cut lead
表示例 Marking example
最大使用電圧と使用温度の関係
The relationship between max operating voltage and
temperature.
250VDC, 450VDC, 630VDC
1250VDC
P=10.0, 15.0
P=22.5
P=12.5, 17.5 , 22.5
FPB 2E474
FPB 2E685
FPB3B 103
N
Nitsuko
N 2B~
:管理記号
Control code
×100
使用電圧 Operating voltage
定格電圧 Rated voltage
軽減率 Derating (%) =
※定格電圧 125VAC(1250VDCの交流使用)の最高使用温度は 85℃
Nitsuko Electronics Corporation
The Max. operating temperature 85℃ as rated voltage 125VAC (AC rated voltage of 1250VDC)


Similar Part No. - FPB

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPB SHIELD-FPB Datasheet
289Kb / 2P
MAGNETIC SWITCHES
logo
SAB North America
FPB-11 SAB-FPB-11 Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FPB-11R SAB-FPB-11R Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FPB-13 SAB-FPB-13 Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FPB-13R SAB-FPB-13R Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
More results

Similar Description - FPB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
15-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
Resin-Coated, Radial-Lead Tantalum Capacitors
12-Jun-06
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
Surge Components
SRM SURGE-SRM Datasheet
20Kb / 1P
EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD
logo
List of Unclassifed Man...
CFD-N ETC1-CFD-N Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
MDD ETC2-MDD Datasheet
185Kb / 10P
Resin Coated Metalized Polyester Film Capacitor
logo
AIC tech Inc.
MKCP4 AICTECH-MKCP4 Datasheet
77Kb / 2P
Resin-encased Metallized polypropylene film capacitors
MKCP4T AICTECH-MKCP4T Datasheet
77Kb / 2P
Resin-encased Metallized polypropylene film capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com