Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5049VT Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FMM5049VT
Description  Power Amplifier MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5049VT Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FMM5049VT Datasheet HTML 1Page - Eudyna Devices Inc FMM5049VT Datasheet HTML 2Page - Eudyna Devices Inc FMM5049VT Datasheet HTML 3Page - Eudyna Devices Inc FMM5049VT Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Item
Drain-Source Voltage
Gate-Source Voltage
Storage Temperature
Symbol
VDD
VGG
+12
-7
-55 to +125
V
V
Input Power
Pin
+15
dBm
°C
Tstg
Operating Backside Temperature
-40 to +85
°C
Top
Condition
Unit
Rating
ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25
°C)
Fujitsu recommends the following conditions for the long term reliable operation of GaAs FETs:
1. The drain-source operating voltage (VDD) should not exceed 10 volts.
2. The drain-source operating voltage (VGG) should not exceed -5 volts.
1
Edition 1.0
October 2001
Item
Symbol
Conditions
Unit
Limits
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25
°C)
Linear Gain (Note 1)
30.0
33.0
-
-
dB
--
2500
mA
Output Power
39.0
41.0
-
dBm
Pout
GL
-70
-
mA
Drain Current
-
4000
-mA
IDD
IGG
IDD(DC)
VDD1,2 = 10V
f = 2.2GHz
Pin = 12dBm
Without RF
Note 1 Pin
≤-6dBm
Gate Current
DC Input Current
DESCRIPTION
The FMM5049VT is a high-gain, wide band, three-stage MMIC
amplifier designed for PCS/PCN and W-CDMA applications as a driver
or output stage in the 1.8-2.3GHz band. The output stage is partially
matched for this device. This product is uniquely suited for use in
base station amplifiers as it offers high gain, long term reliability and
ease of use.
FEATURES
• High Output Power: Pout = 41.0dBm (Typ.)
• High Linear Gain: GL = 33.0dB (Typ.)
• Broad Band: 1.8 to 2.3GHz
• Hermetically Sealed Package
FMM5049VT
Power Amplifier MMIC


Similar Part No. - FMM5049VT

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FMM5046VF FUJITSU-FMM5046VF Datasheet
112Kb / 4P
GaAs MMIC
FMM5048GJ FUJITSU-FMM5048GJ Datasheet
109Kb / 4P
VSAT MMIC
More results

Similar Description - FMM5049VT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMD1925-3 TOSHIBA-TMD1925-3 Datasheet
80Kb / 5P
MICROWAVE POWER MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5027VJ EUDYNA-FMM5027VJ Datasheet
114Kb / 4P
MMIC Power Amplifier
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
MMIC Power Amplifier
logo
Toshiba Semiconductor
TMD1414-2C TOSHIBA-TMD1414-2C Datasheet
43Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD0305-2 TOSHIBA-TMD0305-2 Datasheet
73Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD1013-1-431 TOSHIBA-TMD1013-1-431 Datasheet
44Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
GaAs MMIC Power Amplifier
logo
Analog Devices
HMC1126 AD-HMC1126 Datasheet
332Kb / 16P
MMIC, Power Amplifier
Dec-2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com