Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2RF-05 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # P2RF-05
Description  Slim and Space-saving Power Plug-in Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF-05 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button P2RF-05 Datasheet HTML 7Page - Omron Electronics LLC P2RF-05 Datasheet HTML 8Page - Omron Electronics LLC P2RF-05 Datasheet HTML 9Page - Omron Electronics LLC P2RF-05 Datasheet HTML 10Page - Omron Electronics LLC P2RF-05 Datasheet HTML 11Page - Omron Electronics LLC P2RF-05 Datasheet HTML 12Page - Omron Electronics LLC P2RF-05 Datasheet HTML 13Page - Omron Electronics LLC P2RF-05 Datasheet HTML 14Page - Omron Electronics LLC P2RF-05 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
G2R-
@-S (S)
13
End Plate
Spacer
Mounting Plate
P2R-P
PFP-M
PFP-S
50
11.5
10
6.2
1.8
1
35.5 35.3
1.8
1.3
4.8
5
16
12
44.3
34.8
10
16.5
M4 x 8 pan
head screw
90
4.5
49 42±0.1
9±0.1
9±0.1
18±0.15 18±0.15 18±0.15
72±0.2
18±0.15
R2.25
10-
Ellipse hole
13.6
Square hole
3.4
30.5
t=1.6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com