| Electronic Components Datasheet Search |
|
WLCA2-2139LD2 Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLCA2-2139LD2 Datasheet(HTML) 3 Page - Omron Electronics LLC |
|
3 / 52 page ![]() WL-N/WLM-N 3 Environment-resistant Switches Item Environment-resistant Type Model Application Environment-resistant construction Applicable models Airtight seal WL @-55-N For uses in locations sub- ject to cutting oil or water Uses an airtight built-in switch. Note: Use the SC Connector for the conduit opening. All models except the low- temperature and heat-re- sistant models Note: Models can be produced using standard actuators. Hermetic seal (Molded terminals/ Anti-coolant) WL @-139-N Refer to page 29 for information on the environ- ment-resistant construction of Switches with Her- metic Seals. All models except the low- temperature and heat-re- sistant models Note: Models can be produced using standard actuators. Only the WLCA2-N, WLGCA2-N, or WLG2-N can be produced for the WL @- 141-N and WL @-145-N. WL @-140-N WL @-141-N WL @-145-N WL @-RP40-N WL @-RP60-N Low-temperature WL @-TC-N Can be used at a tempera- ture of –40 °C (operating temperature range: –40 to 40 °C), but cannot with- stand icing. • Uses a general-purpose built-in switch. • Epichlorhydrin rubber is used for rubber parts such as the O-ring, gasket, etc. All models except airtight seal, hermetic seal, heat- resistant, corrosion-proof, and indicator-equipped models Heat-resistant WL @-TH-N Can be used in tempera- tures of 120 °C (operating temperature range: 5 to 120 °C). • Fluorine rubber is used for rubber parts such as the O-ring, gasket, etc. All models except airtight seal, hermetic seal, heat- resistant, corrosion-proof, and indicator-equipped, ny- lon roller (WLCA2-26N-N), seal roller models, and res- in rod (WLNJ-2-N) models Corrosion-proof WL @-RP-N For use in locations sub- ject to corrosive gases and chemicals. • Diecast parts, such as the switch box, are made of corrosion-proof aluminum. • Rubber sealing parts are made of fluorine rubber, which aids in resisting oils and chemicals. • Exposed nuts and screws (except the actuator section) are made of stainless steel. • Moving and rotary parts such as rollers are made of sintered stainless steel or stainless steel. • The Head, box, and cover are yellow. All models except fork lever lock (WLCA32-41 to -44- N), low-temperature, heat- resistant, and indicator- equipped models Weather-proof WL @-P1-N For use in parking lots and other outdoor locations. • Rubber parts are made from epichlorhydrin rubber, which has a high-tolerance to changes in temperature. • Rollers are made of stainless steel to improve corrosion resistance. • Exposed nuts and screws are made of stainless steel. Only basic (WLCA2-N/ CA12-N/CL-N), and high- sensitivity overtravel (WLG2-N/G12-N/GL-N) models (excluding heat-re- sistant models). This does not apply to Low- temperature or Heat-resis- tance, or Indicator- equipped Switches. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |