Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEOAC08PT-D Datasheet(PDF) 6 Page - STMicroelectronics

Part # LEOAC08PT-D
Description  Rad-hard plastic Quad two-input AND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC08PT-D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LEOAC08PT-D Datasheet HTML 2Page - STMicroelectronics LEOAC08PT-D Datasheet HTML 3Page - STMicroelectronics LEOAC08PT-D Datasheet HTML 4Page - STMicroelectronics LEOAC08PT-D Datasheet HTML 5Page - STMicroelectronics LEOAC08PT-D Datasheet HTML 6Page - STMicroelectronics LEOAC08PT-D Datasheet HTML 7Page - STMicroelectronics LEOAC08PT-D Datasheet HTML 8Page - STMicroelectronics LEOAC08PT-D Datasheet HTML 9Page - STMicroelectronics LEOAC08PT-D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
4
Waveform and test circuit
Figure 2. Waveform
Figure 3. Test circuit
Note:
•
VTEST = open for tPLH and tPHL.
•
CL = 50 pF or equivalent (includes probe and jig capacitance).
•
RL = 500-ohm or equivalent.
•
Input signal from pulse generator: VIN = 0.0 V to VCC; PRR < 1 MHz; ZO = 50-ohm; tr < 3.0 ns; tf < 3.0
ns; tr and tf shall be measured from 10% of VCC to 90% of VCC and from 90% of VCC to 10% of VCC,
respectively; duty cycle = 50 percent.
•
Timing parameters shall be tested at a minimum input frequency of 1 MHz.
•
The outputs are measured one at a time with one transition per measurement.
LEOAC08
Waveform and test circuit
DS13855 - Rev 2
page 6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com