Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEOAC14PT-D Datasheet(PDF) 4 Page - STMicroelectronics

Part # LEOAC14PT-D
Description  Rad-hard plastic Hex inverter with Schmitt trigger input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC14PT-D Datasheet(HTML) 4 Page - STMicroelectronics

  LEOAC14PT-D Datasheet HTML 1Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 2Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 3Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 4Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 5Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 6Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 7Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 8Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3
Electrical characteristics
VCC = 3 V to 5.5 V, typical values are at ambient Ta = +25 °C, minimum and maximum values are at Ta = -40 °C
and +125 °C, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
VCC
Min.
Typ.
Max.
Unit
VOH (1)
High level output voltage
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum For all other inputs,
VIN = VCC or GND, IOH = -50 μA
3 V
2.9
V
4.5 V
4.4
5.5 V
5.4
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOH = -12 mA
3 V
2.4
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOH = -24 mA
4.5 V
3.7
5.5 V
4.7
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND IOH = -50 mA
5.5 V
3.85
VOL(1)
Low level output voltage
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOL = +50 μA
3 V
0.1
V
4.5 V
0.1
5.5 V
0.1
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOL = +12 mA
3 V
0.5
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOL = +24 mA
4.5 V
0.5
5.5 V
0.5
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOL = +50 mA
5.5 V
1.65
IOH
High level output current
3 V
-12
mA
4.5 V
-24
5.5 V
-24
IOL
Low level output current
3 V
12
4.5 V
24
5.5 V
24
VIH
High level input voltage
3 V
2.1
V
4.5 V
3.15
5.5 V
3.85
VIL
Low level input voltage
3 V
0.9
4.5 V
1.35
5.5 V
1.65
LEOAC14
Electrical characteristics
DS13638 - Rev 5
page 4/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com