Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEOAD128PT-D Datasheet(PDF) 10 Page - STMicroelectronics

Part # LEOAD128PT-D
Description  Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAD128PT-D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LEOAD128PT-D Datasheet HTML 6Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 7Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 8Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 9Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 10Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 11Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 12Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 13Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
7
PCB precautions
•
A ground plane on each layer of the PCB with multiple vias dedicated for interconnexion is recommended
for high-speed circuit applications to provide low parasitic inductance and resistance. The goal is to have a
“common ground plane” where AGND and DGND are connected with the lowest DC resistance and lowest
AC impedance.
•
The separation of the analog signal from the digital output is mandatory to prevent noise from coupling onto
the input signal.
•
Power supply bypass capacitors must be placed as close as possible to the IC pins to improve high-
frequency bypassing and reduce harmonic distortion.
•
All leads must be as short as possible, especially for the analog input, so to decrease parasitic capacitance
and inductance.
•
To minimize the transition current when the output changes, the capacitive load at the digital outputs must
be reduced as much as possible by using the shortest possible routing tracks. One way to reduce capacitive
load is to remove the ground plane under the output digital pins and layers at high sampling frequencies.
•
Choose the smallest possible component sizes (SMD).
LEOAD128
PCB precautions
DS13668 - Rev 2
page 10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com