Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEOLVDSRD Datasheet(PDF) 15 Page - STMicroelectronics

Part # LEOLVDSRD
Description  Rad-hard plastic LVDS driver-receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOLVDSRD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LEOLVDSRD Datasheet HTML 11Page - STMicroelectronics LEOLVDSRD Datasheet HTML 12Page - STMicroelectronics LEOLVDSRD Datasheet HTML 13Page - STMicroelectronics LEOLVDSRD Datasheet HTML 14Page - STMicroelectronics LEOLVDSRD Datasheet HTML 15Page - STMicroelectronics LEOLVDSRD Datasheet HTML 16Page - STMicroelectronics LEOLVDSRD Datasheet HTML 17Page - STMicroelectronics LEOLVDSRD Datasheet HTML 18Page - STMicroelectronics LEOLVDSRD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
TSSOP-20 package information
Figure 8. TSSOP-20 package outline
Table 8. TSSOP-20 package mechanical data
Symbol
Milimeters
Inches(1)
Min.
Typ.
Max.
Min
Typ
Max
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
c
0.09
0.20
0.004
D
6.4
6.5
6.6
0.252
0.256
0.260
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K
0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
1. Values in inches are converted from mm and rounded to 4 decimal digits.
LEOLVDSRD
Package information
DS13673 - Rev 4
page 15/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com