Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFLVDS31A Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHFLVDS31A
Description  Rad-hard quad LVDS driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS31A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHFLVDS31A Datasheet HTML 2Page - STMicroelectronics RHFLVDS31A Datasheet HTML 3Page - STMicroelectronics RHFLVDS31A Datasheet HTML 4Page - STMicroelectronics RHFLVDS31A Datasheet HTML 5Page - STMicroelectronics RHFLVDS31A Datasheet HTML 6Page - STMicroelectronics RHFLVDS31A Datasheet HTML 7Page - STMicroelectronics RHFLVDS31A Datasheet HTML 8Page - STMicroelectronics RHFLVDS31A Datasheet HTML 9Page - STMicroelectronics RHFLVDS31A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Radiation
RHFLVDS31A
6/15
DocID025370 Rev 4
4
Radiation
Total dose (MIL-STD-883 TM 1019)
The products guaranteed in radiation within the RHA QML-V system fully comply with the
MIL-STD-883 TM 1019 specification.
The RHFLVDS31A is RHA QML-V, tested and characterized in full compliance with the
MIL-STD-883 specification, between 50 and 300 rad/s only (full CMOS technology).
All parameters provided in Table 7: Electrical characteristics apply to both pre- and post-
irradiation, as follows:
•
All test are performed in accordance with MIL-PRF-38535 and test method 1019 of
MIL-STD-883 for total ionizing dose (TID).
•
The initial characterization is performed in qualification only on both biased and
unbiased parts.
•
Each wafer lot is tested at high dose rate only, in the worst bias case condition, based
on the results obtained during the initial qualification.
Heavy ions
The behavior of the product when submitted to heavy ions is not tested in production.
Heavy-ion trials are performed on qualification lots only.
Table 6. Radiation
Type
Characteristics
Value
Unit
TID
High-dose rate (50 - 300 rad/sec) up to:
300
krad
Heavy ions
SEL immune up to:
(with a particle angle of 60 ° at 125 °C)
135
MeV.cm²/mg
SEL immune up to:
(with a particle angle of 0 ° at 125 °C)
67
SET/SEU immune up to:
(at 25 °C)
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com