Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRPM4424K01V Datasheet(PDF) 24 Page - STMicroelectronics

Part # RHRPM4424K01V
Description  Rad-hard 4.5 A dual low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4424K01V Datasheet(HTML) 24 Page - STMicroelectronics

Back Button RHRPM4424K01V Datasheet HTML 20Page - STMicroelectronics RHRPM4424K01V Datasheet HTML 21Page - STMicroelectronics RHRPM4424K01V Datasheet HTML 22Page - STMicroelectronics RHRPM4424K01V Datasheet HTML 23Page - STMicroelectronics RHRPM4424K01V Datasheet HTML 24Page - STMicroelectronics RHRPM4424K01V Datasheet HTML 25Page - STMicroelectronics RHRPM4424K01V Datasheet HTML 26Page - STMicroelectronics RHRPM4424K01V Datasheet HTML 27Page - STMicroelectronics RHRPM4424K01V Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
12
Ordering information
Table 9. Order code
Order code
SMD pin
Quality level EPPL Package
Max. power
dissipation
[mW] (1)
Mass
[g]
Temperature
range
Lead
finish
Packing
RHRPM4424K01V (2) 5962R9956007VYC
QML-V
-
FLAT-16
550
0.7
-55 to 125 °C
Gold
Strip pack
RHRPM4424K02V(2)
5962R9956007VYA
RHRPM4424LK01V(2) 5962R9956007VZC
FLAT-10
350
RHRPM4424LK02V(2) 5962R9956007VZA
RH-PM4424K1(2)
-
Engineering
model
FLAT-16
550
RH-PM4424LK1(2)
-
FLAT-10
350
RHRPM4424D2V(2)
5962R9956007V9A
QML-V
1. Per channel at Ta = 70 °C
2. Contact ST sales office for information about the specific conditions for product in die form and for other
quality levels.
Contact ST sales office for information about the specific conditions for :
1) Products in die form
2) Other quality levels
3) Tape & reel packing
12.1
Other information
12.1.1
Data code
The date code is structured as shown below:
•
EM xyywwz
•
QML-V yywwz where:
Figure 29. Date code composition
x
yy
ww
z
Assembly location (EM only) 3:
Rennes (France)
Week digits
Last two digits of year
Lot index in the week
RHRPM4424
Ordering information
DS11485 - Rev 7
page 24/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com