Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGYA50H120DF2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGYA50H120DF2
Description  Trench gate field-stop, 1200 V, 50 A, high-speed H series IGBT in a Max247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA50H120DF2 Datasheet(HTML) 3 Page - STMicroelectronics

  STGYA50H120DF2 Datasheet HTML 1Page - STMicroelectronics STGYA50H120DF2 Datasheet HTML 2Page - STMicroelectronics STGYA50H120DF2 Datasheet HTML 3Page - STMicroelectronics STGYA50H120DF2 Datasheet HTML 4Page - STMicroelectronics STGYA50H120DF2 Datasheet HTML 5Page - STMicroelectronics STGYA50H120DF2 Datasheet HTML 6Page - STMicroelectronics STGYA50H120DF2 Datasheet HTML 7Page - STMicroelectronics STGYA50H120DF2 Datasheet HTML 8Page - STMicroelectronics STGYA50H120DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 3. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
VGE = 0 V, IC = 2 mA
1200
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 50 A
2.1
2.6
V
VGE = 15 V, IC = 50 A, TJ = 125 °C
2.35
VGE = 15 V, IC = 50 A, TJ = 175 °C
2.5
VF
Forward on-voltage
IF = 50 A
3.8
V
IF = 50 A, TJ = 125 °C
2.8
IF = 50 A, TJ = 175 °C
2.6
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 2 mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 1200 V
25
µA
IGES
Gate-emitter leakage current
VCE = 0 V, VGE = ±20 V
±250
nA
Table 4. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz, VGE = 0 V
-
4150
-
pF
Coes
Output capacitance
-
288
-
pF
Cres
Reverse transfer capacitance
-
104
-
pF
Qg
Total gate charge
VCC = 960 V, IC = 50 A, VGE = 0 to 15 V
(see Figure 29. Gate charge test circuit)
-
210
-
nC
Qge
Gate-emitter charge
-
29
-
nC
Qgc
Gate-collector charge
-
103
-
nC
STGYA50H120DF2
Electrical characteristics
DS13891 - Rev 1
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com