Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS40A45CHR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS40A45CHR
Description  Rad-Hard 2 x 20 A - 45 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40A45CHR Datasheet(HTML) 3 Page - STMicroelectronics

  STPS40A45CHR Datasheet HTML 1Page - STMicroelectronics STPS40A45CHR Datasheet HTML 2Page - STMicroelectronics STPS40A45CHR Datasheet HTML 3Page - STMicroelectronics STPS40A45CHR Datasheet HTML 4Page - STMicroelectronics STPS40A45CHR Datasheet HTML 5Page - STMicroelectronics STPS40A45CHR Datasheet HTML 6Page - STMicroelectronics STPS40A45CHR Datasheet HTML 7Page - STMicroelectronics STPS40A45CHR Datasheet HTML 8Page - STMicroelectronics STPS40A45CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.3
Electrical characteristics
Limiting value per diodes, unless otherwise specified.
Table 3. Static electrical characteristics
Symbol
Parameter
MIL-STD-750 test
method
Test conditions(1)
Min. Typ. Max. Unit
IR
Reverse leakage current
4016
DC method, VR = 45 V
Tj = 25 °C
-
4.0
25
µA
Tj = 125 °C
-
6.0
18
mA
VF (2)(3) Forward voltage drop
4011
IF = 5 A
Tj = -55 °C
-
0.55 0.59
V
Tj = 25 °C
-
0.47 0.51
Tj = 125 °C
-
0.36 0.40
IF = 10 A
Tj = -55 °C
-
0.59 0.63
Tj = 25 °C
-
0.53 0.57
Tj = 125 °C
-
0.44 0.49
IF = 20 A
Tj = -55 °C
-
0.65 0.70
Tj = 25 °C
-
0.62 0.67
Tj = 125 °C
-
0.55 0.61
IF = 30 A
Tj = -55 °C
-
0.71 0.76
Tj = 25 °C
-
0.69 0.75
Tj = 125 °C
-
0.62 0.68
IF = 40 A
Tj = -55 °C
-
0.76 0.82
Tj = 25 °C
-
0.76 0.82
Tj = 125 °C
-
0.67 0.74
1. Measurement per diode
2. Pulse width 680 µs, duty cycle ≤ 2%
3. Each diode of the pair can be used up to 40A provided the total current complies with the 40A absolute maximum rating of
the TO-254AA.
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Mil-STD-750 test method
Test conditions
Min. Typ. Max. Unit
C(1)
Junction capacitance
4001
Tj = 25 °C VR = 10 V, F = 1 MHz
-
-
610
pF
1. Guaranteed by sampling. In case the sampling acceptance criteria is not met, guaranteed by a 100% test
STPS40A45CHR
Electrical characteristics
DS13193 - Rev 1
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com