Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC12065G-TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPSC12065G-TR
Description  650 V, 12 A power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12065G-TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPSC12065G-TR Datasheet HTML 6Page - STMicroelectronics STPSC12065G-TR Datasheet HTML 7Page - STMicroelectronics STPSC12065G-TR Datasheet HTML 8Page - STMicroelectronics STPSC12065G-TR Datasheet HTML 9Page - STMicroelectronics STPSC12065G-TR Datasheet HTML 10Page - STMicroelectronics STPSC12065G-TR Datasheet HTML 11Page - STMicroelectronics STPSC12065G-TR Datasheet HTML 12Page - STMicroelectronics STPSC12065G-TR Datasheet HTML 13Page - STMicroelectronics STPSC12065G-TR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
29-Apr-2016
1
First issue.
12-Jul-2018
2
Added D²PAK package and Applications section.
25-Mar-2021
3
Updated Descrition title and Description. Inserted STPOWER logo and
product label "ST Sustainable".Added D²PAK HV package information. Minor
text changes.
STPSC12065
DS11623 - Rev 3
page 13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com