Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH60400HR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH60400HR
Description  Rad-Hard 60 A - 400 V fast recovery rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60400HR Datasheet(HTML) 5 Page - STMicroelectronics

  STTH60400HR Datasheet HTML 1Page - STMicroelectronics STTH60400HR Datasheet HTML 2Page - STMicroelectronics STTH60400HR Datasheet HTML 3Page - STMicroelectronics STTH60400HR Datasheet HTML 4Page - STMicroelectronics STTH60400HR Datasheet HTML 5Page - STMicroelectronics STTH60400HR Datasheet HTML 6Page - STMicroelectronics STTH60400HR Datasheet HTML 7Page - STMicroelectronics STTH60400HR Datasheet HTML 8Page - STMicroelectronics STTH60400HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 7. Reverse recovery charges versus dIF/dt (typical
values)
0
400
800
1200
1600
2000
2400
0
100
200
300
400
500
dIF /dt(A/µs)
QRR(nC)
VR = 320 V
Tj = 125°C
IF = IF(AV)
Figure 8. Reverse recovery softness factor versus dIF/dt
(typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0
100
200
300
400
500
dIF /dt(A/µs)
Sfactor
VR = 320 V
Tj = 125°C
IF = IF(AV)
Figure 9. Relative variations of dynamic parameters
versus junction temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
V
R = 320 V
Reference :Tj = 125 °C
Tj(°C)
IF = IF(AV)
IRM
SFACTOR
QRR
Figure 10. Transient peak forward voltage versus dIF/dt
(typical values)
0
2
4
6
8
10
12
100
200
300
400
500
dIF /dt(A/µs)
VFP(V)
Tj = 125°C
IF = IF(AV)
Figure 11. Forward recovery time versus dIF/dt (typical
values)
0
200
400
600
800
100
200
300
400
500
dIF /dt(A/µs)
tFR(ns)
IF=IF(AV)
VFR=1.1 x VF max.
Tj=125 °C
Figure 12. Junction capacitance versus reverse voltage
applied (typical values)
10
100
1000
1
10
100
1000
VR(V)
C(pF)
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
STTH60400HR
Characteristics (curves)
DS11815 - Rev 3
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com