Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLCL-2TC Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # WLCL-2TC
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLCL-2TC Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button WLCL-2TC Datasheet HTML 17Page - Omron Electronics LLC WLCL-2TC Datasheet HTML 18Page - Omron Electronics LLC WLCL-2TC Datasheet HTML 19Page - Omron Electronics LLC WLCL-2TC Datasheet HTML 20Page - Omron Electronics LLC WLCL-2TC Datasheet HTML 21Page - Omron Electronics LLC WLCL-2TC Datasheet HTML 22Page - Omron Electronics LLC WLCL-2TC Datasheet HTML 23Page - Omron Electronics LLC WLCL-2TC Datasheet HTML 24Page - Omron Electronics LLC WLCL-2TC Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
WL-N/WLM-N
21
Individual Parts
Switches without Levers, Heads, and Actuators
General-purpose Parts
*1. The heads are not compatible with WL-series Switches.
*2. The same Actuators can be used for both WL and WL-N Switches.
Spatter-prevention Parts
*1. The heads are not compatible with WL-series Switches.
*2. The same Actuators can be used for both WL and WL-N Switches.
Covers with Indicators (See Note.)
General-purpose Parts
* The Covers are not compatible with WL-series Switches.
Spatter-prevention Parts
Note: The default setting is for light-ON when not operating.
Turn the lamp holder by 180° to change the setting to light-ON
when operating.
Actuator
Item
Pretravel (PT)
Set
Switch without
levers
Head *1
(with Actuators)
Actuator only *2
Model
Model
Model
Roller lever
Basic
15
±5°
WLCA2-N
WLRCA2-N
WL-1H1100-N
WL-1A100
25
±5°
WLCA2-2-N
WLRCA2-2-N
WL-3H1100-N
MAX20
°
WLCA2-2N-N
WLRCA2-2N-N
WL-1H1100-N
High-sensitivity
10
°
WLG2-N
WLRG2-N
WL-2H1100-N
Adjustable roller
lever
Basic
15
±5°
WLCA12-N
WLRCA2-N
WL-1H2100-N
WL-2A100
25
±5°
WLCA12-2-N
WLRCA2-2-N
WL-3H2100-N
MAX20
°
WLCA12-2N-N
WLRCA2-2N-N
WL-1H2100-N
High-sensitivity
10
°
WLG12-N
WLRG2-N
WL-2H2100-N
Variable rod lever
Basic
15
±5°
WLCL-N
WLRCA2-N
WL-1H4100-N
WL-4A100
25
±5°
WLCL-2-N
WLRCA2-2-N
WL-3H4100-N
MAX20
°
WLCL-2N-N
WLRCA2-2N-N
WL-1H4100-N
High-sensitivity
10
°
WLGL-N
WLRG2-N
WL-2H4100-N
Fork lever lock
Basic
MAX55
°
WLCA32-41-N
WLRCA32-N
WL-5H5100-N
WL-5A100
WLCA32-42-N
WL-5H5102-N
WL-5A102
WLCA32-43-N
WL-5H5104-N
WL-5A104
WLCA32-44-N
WL-5H5104-N
WL-5A104
Top plunger
Basic
MAX
1.7 mm
WLD18-N
-----
WL-7H100-N
-----
WLD28-N
WL-7H400-N
-----
WLD38-N
WL-7H300-N
-----
Horizontal plunger
Basic
MAX
2.8 mm
WLSD-N
-----
WL-8H100-N
-----
WLSD2-N
WL-8H200-N
-----
WLSD3-N
WL-8H300-N
-----
Flexible rod
Basic
20
±10 mm
WLNJ-N
-----
WL-9H100-N
-----
WLNJ-30-N
WL-9H200-N
-----
40
±20 mm
WLNJ-2-N
WL-9H300-N
-----
WLNJ-S2-N
WL-9H400-N
-----
Actuator
Lever Type
Item
Set
Switch without
levers
Head *1
(with Actuators)
Actuator only *2
Model
Model
Model
Roller lever
Allen-head bolt
lever
Basic
WLCA2-LES-N
WLRCA2-LES-N
WL-1H1100S-N
WL-1A103S
WLCA2-LDS-N
WLRCA2-LDS-N
High-sensitivity
WLG2-LDS-N
WLRG2-LDS-N
Double nut lever
Basic
WLCA2-LEAS-N
WLRCA2-LES-N
WL-2H1100S-N
WL-1A105S
WLCA2-LDAS-N
WLRCA2-LDS-N
High-sensitivity
WLG2-LDAS-N
WLRG2-LDS-N
+2
°
-1
°
+2
°
-1
°
+2
°
-1
°
Cover
Cover only *
Item
Model
Neon lamp
WL-LE-N
LED
WL-LD-N
Cover
Cover only *
Item
Model
Neon lamp
WL-LES-N
LED
WL-LDS-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com