Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSD-TC Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # WLSD-TC
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD-TC Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button WLSD-TC Datasheet HTML 36Page - Omron Electronics LLC WLSD-TC Datasheet HTML 37Page - Omron Electronics LLC WLSD-TC Datasheet HTML 38Page - Omron Electronics LLC WLSD-TC Datasheet HTML 39Page - Omron Electronics LLC WLSD-TC Datasheet HTML 40Page - Omron Electronics LLC WLSD-TC Datasheet HTML 41Page - Omron Electronics LLC WLSD-TC Datasheet HTML 42Page - Omron Electronics LLC WLSD-TC Datasheet HTML 43Page - Omron Electronics LLC WLSD-TC Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
WL-N/WLM-N
40
Note: 1. Unless otherwise indicated, a tolerance of
±0.4 mm applies to all dimensions.
2. When using the adjustable roller (rod) lever, make sure that the lever is facing downwards.
Use caution, as telegraphing (the Switch turns ON and OFF repeatedly due to inertia) may occur.
16
50 dia. (length: 15)
Nylon roller
7.3-dia.
mounting
holes
M5
Allen-head
bolt
Adjustable
from 41 to
78.5
34.5
24.4
122
23
WL-2A110
16
49 dia. rubber roller
Material: NBR
7.3-dia.
mounting
holes
M5
Allen-head
bolt
Adjustable
from 41 to
89
34.2
24.2
6
23
WL-2A105
11.5
50 dia. (length: 6)
Nylon roller
7.3-dia.
mounting
holes
16
M5
Allen-head
bolt
20.1±0.8
R38
WL-1A106
11.5
35 dia. (length: 6)
Nylon roller
7.3 dia.
mounting
holes
M5
Allen-head
bolt
16
20.1±0.8
R38
WL-1A110
3-dia. stainless
steel rod
7.3-dia. mounting
holes
M5
Allen-head
bolt
Adjustable
from
25 to 140
160
9
19
11
M8
Allen-head
set screw
WL-4A100
2-dia. stainless
steel for spring
7.3-dia.
mounting holes
M5
Allen-head
bolt
Adjustable
from 270 to
290
9
13
11
M8
Allen-head
set screw
WL-4A201
Actuator's
center of
rotation
7.3-dia.
mounting
holes
400±2
12.8
8
7.5
11
6
M5
Allen-head
bolt
65±2
3.2-dia.
stainless
steel rod
Adjustable
from 350
to 380
25.5 max.
13.4
WL-3A100
7.3-dia.
mounting
holes
400±2
12.8
8
7.5
11
6
Two, M5
Allenhead
nut and arm
set screw
65±2
3.2-dia.
stainless steel rod
Adjustable
from 350
to 380
25.5 max.
13.4
M5
Allen-head
bolt
WL-3A106
Double Nut
7.3-dia.
mounting
holes
680±0.4
12.8
8
7.5
11
6
M5
Allen-head
bolt
65±2
3.2-dia.
stainless steel rod
Adjustable
from 650
to 660
25.5 max.
13.4
WL-3A108
7.3-dia.
mounting
holes
450±4
417.5±2
7.5
7.5
12.5 dia. max.
11
6
M5
Allen-head
bolt
2.3-dia.
operation rod
24.6 max.
13
(95)
WL-3A200
7.3-dia.
mounting
holes
470±4
437.5±2
8 dia.
7.5
12.5
dia.
max.
11
6
M5
Allen-head
bolt
2.3 dia.
rod
7.5
24.6 max.
13
(95)
50
Cap
Adhesive
WL-3A203
4-dia. stainless
steel rod
7.3-dia.
mounting holes
M5
Allen-head
bolt
Adjustable
up to 141
160±1.5
9
19
11
M8
Allen-head
set screw
WL-4A112
15.8
(108)
3
M5
Allen-head
bolt
10
(18.5)
10
11.3
20
15.9
22.1
7.3 dia.
mounting
hole
84
95.3
Three, 5.2
dia. holes
Marking
R8
WL-2A129
WL-5A100 has a plastic roller
Two, 17.5 dia. × 7,
sintered stainless steel rollers
M5 Allen-head
bolt
11
1.3
6.7
17.7
54.8
90
°
R38
7.3 dia.
12.4
WL-5A101
WL-5A102 has a plastic roller
Two, 17.5 dia. × 7,
sintered stainless steel rollers
M5 Allen-head
bolt
11
1.3
17.7
54.8
90
°
R38
6.7
12.4
7.3 dia.
WL-5A103
WL-5A104 has a plastic roller
Two, 17.5 dia. × 7,
sintered stainless steel rollers
M5 Allen-head
bolt
11
17.7
12.4
54.8
90°
R38
7.3 dia.
WL-5A105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com