Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0120002P Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # P0120002P
Description  250mW GaAs Power FET (Pb-Free Type)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

P0120002P Datasheet(HTML) 2 Page - Eudyna Devices Inc

  P0120002P Datasheet HTML 1Page - Eudyna Devices Inc P0120002P Datasheet HTML 2Page - Eudyna Devices Inc P0120002P Datasheet HTML 3Page - Eudyna Devices Inc P0120002P Datasheet HTML 4Page - Eudyna Devices Inc P0120002P Datasheet HTML 5Page - Eudyna Devices Inc P0120002P Datasheet HTML 6Page - Eudyna Devices Inc P0120002P Datasheet HTML 7Page - Eudyna Devices Inc P0120002P Datasheet HTML 8Page - Eudyna Devices Inc P0120002P Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Note
P0120002P
250mW GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
♦Typical Characteristics
Power Derating Curve
Transfer Curve
Power Derating Curve
Transfer Curve
3
2
1
0
0
50
100
150
200
Tc (°C)
400
300
200
100
0
02
4
6
Vds (V)
Vgs=0V
-0.5V
-1.0V
-1.5V
-2.0V
♦S-parameters (Typical Data)
Tc=25°C, Vds=6V, Ids=100mA, Common Source, Zo=50Ω (Calibrated to device leads)
10.0
5.0
3.0
4.0
-0.2
-0
.4
S11
S22
1.2GHz
1.2GHz
2.4GHz
2.4GHz
10.0
5.0
3.0
4.0
-0.2
-0
.4
S11
S22
1.2GHz
1.2GHz
2.4GHz
2.4GHz
Scale for |S12|
1.2GHz
S21
1.2GHz
2.4GHz
2.4GHz
0
-180
S12
0.02
0.04
0.06
0
0
2.0
4.0
6.0
Scale for |S12|
1.2GHz
S21
1.2GHz
2.4GHz
2.4GHz
0
-180
S12
0.02
0.04
0.06
0
0
2.0
4.0
6.0
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp
-2-
Web Site: www.sei.co.jp/GaAsIC/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com