Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 32 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 32 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 28Page - Altera Corporation EP4CE40 Datasheet HTML 29Page - Altera Corporation EP4CE40 Datasheet HTML 30Page - Altera Corporation EP4CE40 Datasheet HTML 31Page - Altera Corporation EP4CE40 Datasheet HTML 32Page - Altera Corporation EP4CE40 Datasheet HTML 33Page - Altera Corporation EP4CE40 Datasheet HTML 34Page - Altera Corporation EP4CE40 Datasheet HTML 35Page - Altera Corporation EP4CE40 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
1–22
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
December 2016
Altera Corporation
Volume 3
Figure 1–4 shows the differential receiver input waveform.
Figure 1–5 shows the transmitter output waveform.
Table 1–22 lists the typical VOD for Tx term that equals 100 .
Figure 1–4. Receiver Input Waveform
Single-Ended Waveform
Differential Waveform
VID (diff peak-peak) = 2 x VID (single-ended)
Positive Channel (p)
Negative Channel (n)
Ground
VID
VID
VID
p
− n = 0 V
VCM
Figure 1–5. Transmitter Output Waveform
Single-Ended Waveform
Differential Waveform
VOD (diff peak-peak) = 2 x VOD (single-ended)
Positive Channel (p)
Negative Channel (n)
Ground
VOD
VOD
VOD
p
− n = 0 V
VCM
Table 1–22. Typical VOD Setting, Tx Term = 100 
Symbol
VOD Setting (mV)
12
3
4 (1)
56
VOD differential peak
to peak typical (mV)
400
600
800
900
1000
1200
Note to Table 1–22:
(1) This setting is required for compliance with the PCIe protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com