Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS03 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMS03
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS03 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMS03 Datasheet HTML 1Page - Toshiba Semiconductor CMS03 Datasheet HTML 2Page - Toshiba Semiconductor CMS03 Datasheet HTML 3Page - Toshiba Semiconductor CMS03 Datasheet HTML 4Page - Toshiba Semiconductor CMS03 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMS03
2003-02-17
4
0.001
0
20
40
60
80
100
120
160
0.01
0.1
10
100
140
1
Pulse test
VR = 30 V
VR = 20 V
VR = 15 V
VR = 10 V
VR = 5 V
VR = 3 V
Number of cycles
Surge forward current (non-repetitive)
Reverse voltage VR (V)
Cj – VR
(typ.)
Junction temperature Tj (°C)
IR – Tj
(typ.)
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
0
1
10
100
10
20
30
40
50
f
= 50 Hz
Ta
= 25°C
10
1
10
100
100
1000
f
= 1 MHz
Ta
= 25°C
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0
10
20
30
1.4
1.6
1.8
2.0
360°
0°
Rectangular
waveform
Conduction angle:
a
Tj = 150°C
VR
a
DC
300°
240°
180°
120°
60°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com