Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2457 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2457
Description  Monolithic Triple 7.5nS CRT Driver With Integrated Clamp and G1 Blanking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2457 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2457 Datasheet HTML 1Page - National Semiconductor (TI) LM2457 Datasheet HTML 2Page - National Semiconductor (TI) LM2457 Datasheet HTML 3Page - National Semiconductor (TI) LM2457 Datasheet HTML 4Page - National Semiconductor (TI) LM2457 Datasheet HTML 5Page - National Semiconductor (TI) LM2457 Datasheet HTML 6Page - National Semiconductor (TI) LM2457 Datasheet HTML 7Page - National Semiconductor (TI) LM2457 Datasheet HTML 8Page - National Semiconductor (TI) LM2457 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Special Features
MULTIPLEXED VIDEO SIGNAL INPUT
The LM2457 accepts the multiplexed video signal from the
LM1253 which contains the video signal and DC clamp level.
This multiplexed signal is shown in
Figure 3. It was designed
to simplify the interface between the pre-amp and CRT
Driver. Slightly over 1V of dynamic range is provided for the
video and OSD portions of the waveform. The clamp signal
control voltage range is approximately 0.9V. The typical
numbers for the black and white levels shown correspond to
a nominal swing of 40V
P-P at the video outputs of the
LM2457.
DS101379-3
FIGURE 3. National LM1253 Multiplexed Video Signal
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com