Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A05 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # 6A05
Description  STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

6A05 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  6A05 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 6A05 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2- TYPICAL FORWARD CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES 6A05 THRU 6A120
VF
, INSTANTANEOUS FORWARD VOLTAGE (V)
0
0.4
100
10
1.0
0.1
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
1000
100
10
1.0
0.1
0.01
FIG.3- FORWARD SURGE CURRENT
DERATING CURVE
NUMBER OF CYCLES AT 60Hz
500
400
300
200
100
0
FIG.1- FORWARD CURRENT DERATING CURVE
6.0
4.8
3.6
2.4
1.2
0
TA
, AMBIENT TEMPERATURE (℃)
135
0
45
150
105
75
120
30
15
90
60
FIG.5- TYPICAL JUNCTION CAPACITANCE
VR
, DC REVERSE VOLTAGE (V)
250
200
150
100
50
0
0.1
100
10
1
0
100
80
20
60
40
140
120
100
10
1
0.8
1.2
1.6
2.0
RESISTIVE OR
INDUCTIVE LOAD
SINGLE HALF SINE-WAVE
JEDEC METHOD
TA=150℃
TA=100℃
TA=25℃
f=1MHz
https://dec.co.kr
DAESAN ELECTRONIC CORP.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com