Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2L27015CG2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RF2L27015CG2
Description  15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L27015CG2 Datasheet(HTML) 5 Page - STMicroelectronics

  RF2L27015CG2 Datasheet HTML 1Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 2Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 3Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 4Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 5Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 6Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 7Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 8Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4
Test circuits
Figure 2. Test circuit (same PCB layout with different BOM for each frequency band)
Table 7. List of components (2620 - 2690 MHz frequency band)
Component
Value
Size
Reference
Q1
RF2L27015CG2
C1
10 pF
0805
ATC600F
R1
10 Ω
0603
chip resistor
C2
10 μF
1210
ceramic multilayer capacitor
C3
0.4 pF
0805
ATC600F
C4
1.2 pF
0805
ATC600F
C5
1.2 pF
0805
ATC600F
C6
1.5 pF
0805
ATC600F
PCB
0.508 mm (0.020'') thick, ɛr = 3.48, Rogers RO4350B, 1 oz. copper
RF2L27015CG2
Test circuits
DS13245 - Rev 3
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com