Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2L36040CF2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RF2L36040CF2
Description  40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L36040CF2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RF2L36040CF2 Datasheet HTML 2Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 3Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 4Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 5Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 6Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 7Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 8Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 9Page - STMicroelectronics RF2L36040CF2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3.2
WCDMA performance
Table 8. Typical performance vs frequency (3400 - 3600 MHz) at POUT=38 dBm
f(MHz)
POUT, avg
(dBm)
CCDF(dB)
POUT,
peak(dBm)
POUT, peak(W)
ACPR(dBc)
GPS(dB)
ƞD(%)
3400
38
8.75
46.75
47.32
38.88
13.54
23.72
3500
38
8.98
46.98
49.89
39.48
14.24
21.90
3600
38
8.65
46.65
46.24
37.45
14.39
21.54
Table 9. Typical performance vs frequency (3400 - 3600 MHz) at POUT=39 dBm
f(MHz)
POUT, avg
(dbm)
CCDF(dB)
POUT,
peak(dBm)
POUT, peak(W)
ACPR(dBc)
GPS(dB)
ƞD(%)
3400
39
8.1
47.1
51.29
35.28
13.49
26.61
3500
39
8.36
47.36
54.45
36.52
14.21
24.60
3600
39
8.01
47.01
50.23
34.46
14.27
24.35
Table 10. Typical performance vs frequency (3400 - 3600 MHz) at POUT=40 dBm
f(MHz)
POUT, avg
(dbm)
CCDF(dB)
POUT,
peak(dBm)
POUT, peak(W)
ACPR(dBc)
GPS(dB)
ƞD(%)
3400
40
7.41
47.4
55.08
33.15
13.44
29.79
3500
40
7.76
47.76
59.70
33.88
14.12
27.73
3600
40
7.30
47.30
53.70
32.02
14.13
27.16
Note:
VDD = 28 V, IDQ = 380 mA, test signal WCDMA_1C (PAR=10.5 dB @0.01% probability).
RF2L36040CF2
WCDMA performance
DS13235 - Rev 2
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com