Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5L051K0CB4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RF5L051K0CB4
Description  1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L051K0CB4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RF5L051K0CB4 Datasheet HTML 3Page - STMicroelectronics RF5L051K0CB4 Datasheet HTML 4Page - STMicroelectronics RF5L051K0CB4 Datasheet HTML 5Page - STMicroelectronics RF5L051K0CB4 Datasheet HTML 6Page - STMicroelectronics RF5L051K0CB4 Datasheet HTML 7Page - STMicroelectronics RF5L051K0CB4 Datasheet HTML 8Page - STMicroelectronics RF5L051K0CB4 Datasheet HTML 9Page - STMicroelectronics RF5L051K0CB4 Datasheet HTML 10Page - STMicroelectronics RF5L051K0CB4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
5.1
D4E package information
Figure 4. D4E package outline
DM00666713_2
RF5L051K0CB4
Package information
DS13744 - Rev 2
page 7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com