Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5L052K0CB4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RF5L052K0CB4
Description  2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L052K0CB4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RF5L052K0CB4 Datasheet HTML 2Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 3Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 4Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 5Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 6Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 7Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 8Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 9Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Table 6. Components list
Component
Value
Reference
C1, C2
470 pF (2x)
ATC800B
C3, C4
470 pF (4x)
ATC800B
C5
33 pF
DLC70B
C6, C7, C8, C9, C10, C11
100 nF
C4532X7R3D103KT000N
C12, C13
20 pF
DLC70B
C14, C15, C16, C23
3.9 pF
DLC70B
C17, C18, C19, C20
10 μF
100 V ceramic capacitor
C21, C22
2200 μF
63 V electrolytic capacitor
R1, R2
16 Ω
0805 chip resistor
R3, R4
470 Ω
0805 chip resistor
T1
50 Ω, 150 mm
SFF-50-1.5
T2, T3
25 Ω, line length = 150 mm, 9:1
SFF-25-1.5
T4, T5
12.5 Ω, line length = 120 mm, 9:1
SFF-12.5-1.5
T6
25 Ω, 150 mm
RG402-3
L1, L2
4 turns, Φ 1 mm
PCB
0.762 mm (0.030'') thick, ɛr = 3.48, Rogers RO4350B, 1 oz.
RF5L052K0CB4
Test circuits
DS13743 - Rev 2
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com