Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5L08350CB4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RF5L08350CB4
Description  400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L08350CB4 Datasheet(HTML) 1 Page - STMicroelectronics

  RF5L08350CB4 Datasheet HTML 1Page - STMicroelectronics RF5L08350CB4 Datasheet HTML 2Page - STMicroelectronics RF5L08350CB4 Datasheet HTML 3Page - STMicroelectronics RF5L08350CB4 Datasheet HTML 4Page - STMicroelectronics RF5L08350CB4 Datasheet HTML 5Page - STMicroelectronics RF5L08350CB4 Datasheet HTML 6Page - STMicroelectronics RF5L08350CB4 Datasheet HTML 7Page - STMicroelectronics RF5L08350CB4 Datasheet HTML 8Page - STMicroelectronics RF5L08350CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
B4E
1
2
3
5
4
Pin connection
Pin
Connection
1
Drain A
2
Drain B
3
Source (bottom side)
4
Gate B
5
Gate A
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
RF5L08350CB4
860 MHz
50 V
400 W
19 dB
61%
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Internally matched for ease of use
•
Large positive and negative gate-source voltage range for improved class C
operation
•
Excellent thermal stability, low HCI drift
•
In compliance with the European Directive 2002/95/EC
Applications
•
Wideband lab amplifier from 0.4 to 1 GHz
•
Digital UHF TV 470-860 MHz
•
650 MHz particle accelerator
•
915 MHz RF energy applications
Description
The RF5L08350CB4 is a 400 W, 50 V high-performance, internally matched LDMOS
FET, designed for multiple applications over the frequency band 0.4 to 1 GHz.
Product status link
RF5L08350CB4
Product summary
Order code
RF5L08350CB4
Marking
5L08350
Package
B4E
Packing
Tape and reel 13"
Base/bulk quantity
120/120
400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
RF5L08350CB4
Datasheet
DS13248 - Rev 2 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RF5L08350CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF5L08600CB4 STMICROELECTRONICS-RF5L08600CB4 Datasheet
1Mb / 12P
650 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
20-May-2021
More results

Similar Description - RF5L08350CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF4L15400CB4 STMICROELECTRONICS-RF4L15400CB4 Datasheet
1Mb / 13P
400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
22-Sep-2021
RF5L08600CB4 STMICROELECTRONICS-RF5L08600CB4 Datasheet
1Mb / 12P
650 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
20-May-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com