Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC4932F1MR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STAC4932F1MR
Description  350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F1MR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STAC4932F1MR Datasheet HTML 8Page - STMicroelectronics STAC4932F1MR Datasheet HTML 9Page - STMicroelectronics STAC4932F1MR Datasheet HTML 10Page - STMicroelectronics STAC4932F1MR Datasheet HTML 11Page - STMicroelectronics STAC4932F1MR Datasheet HTML 12Page - STMicroelectronics STAC4932F1MR Datasheet HTML 13Page - STMicroelectronics STAC4932F1MR Datasheet HTML 14Page - STMicroelectronics STAC4932F1MR Datasheet HTML 15Page - STMicroelectronics STAC4932F1MR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
6.2
Marking information
LEGEND
Marking Composition Field
(MAX CHAR ALLOWED = 1)
A - MARKING AREA
B - ADDITIONAL INFORMATION
C - STANDARD ST LOGO
(PP)
D - Assy Plant
(nnn)
E - FE Sequence
Plant
(WX)
F - Diffusion Traceability
(MAX CHAR ALLOWED = 3)
G - COUNTRY OF ORIGIN
(TF)
H - Test and Finishing Plant
(Y)
I - Assy Year
(WW)
J - Assy Week
A
B
C
D
E
F
G
H
I
PACKAGE FACE :
TOP
J
6.3
Packing and shipping specifications
Table 9. Packing and shipping data
Order codes
Packaging
Pcs per tray
Dry pack
humidity
GFS and lot code
STAC4932F1MR
Box (plastic tray)
20
< 10%
Two codes max.
Note:
Dry pack specification in accordance with JEDEC J-STD-033.
STAC4932F1MR
Marking information
DS9904 - Rev 2
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com