Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT3301 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT3301
Description  Monolithic crystal controlled CMOS oscillator in bare die f o r m
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT3301 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT3301_V01 Datasheet HTML 1Page - Silicon Supplies 74ACT3301_V01 Datasheet HTML 2Page - Silicon Supplies 74ACT3301_V01 Datasheet HTML 3Page - Silicon Supplies 74ACT3301_V01 Datasheet HTML 4Page - Silicon Supplies 74ACT3301_V01 Datasheet HTML 5Page - Silicon Supplies 74ACT3301_V01 Datasheet HTML 6Page - Silicon Supplies 74ACT3301_V01 Datasheet HTML 7Page - Silicon Supplies 74ACT3301_V01 Datasheet HTML 8Page - Silicon Supplies 74ACT3301_V01 Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CMOS Clock Generator – 74ACT3301
Monolithic crystal controlled CMOS oscillator in bare die form
Rev 1.2
16/09/22
Crystal frequency operation range:
fundamental: 10 MHz to 100 MHz typical
3rd or 5th overtone: 10 MHz to 85 MHz
Programmable oscillator drive
Selectable fast output edge rates
Output symmetry circuit to adjust 50% duty cycle
point between CMOS and TTL levels
Output current drive of 48 mA for IOL/IOH
Output has high speed short circuit protection
Basic oscillator type: Pierce
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability version of this product please see
54ACT3301
Die Size (Unsawn)
1550 x 1540
61 x 61
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 4
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 74ACT3301 is a crystal controlled CMOS
oscillator requiring a minimum of external components
and is designed for Clock Generation and Support
applications up to 110 MHz. The device is highly
versatile, providing selectable output divide ratios,
multiple crystal drive levels and selectable rise and fall
timing options. The circuit is designed to operate over
a wide frequency range using fundamental model or
overtone crystals. The device is a direct electrical and
mechanical replacement for the obsolete 74ACT3301
produced by National Semiconductor.
Description
Ordering Information
Die Dimensions in µm (mils)
1550 (61)
Page 1 of 10
www.siliconsupplies.com


Similar Part No. - 74ACT3301_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ACT3301 SS-74ACT3301_V02 Datasheet
421Kb / 10P
CMOS Clock Generator
Rev 1.1 06/05/19
More results

Similar Description - 74ACT3301_V01

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1222 ABRACON-ACVX1222_08 Datasheet
166Kb / 2P
TTL/CMOS VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
04.11.08
ASEV ABRACON-ASEV Datasheet
679Kb / 2P
CMOS VOLTAGE CONTROLLED SMD CRYSTAL OSCILLATOR
08.14.08
logo
Vectron International, ...
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
CMOS Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
List of Unclassifed Man...
N-48X ETC-N-48X Datasheet
42Kb / 2P
P O W E R T R A N S F O R M E R CHASSIS MOUNT : Isolation
logo
Silicon Supplies
CGS3311 SS-CGS3311 Datasheet
1Mb / 10P
Monolithic crystal controlled CMOS oscillator in bare die f o r m
LM4040A-1.2 SS-LM4040A-1.2 Datasheet
478Kb / 4P
Precision Micropower Shunt Voltage Reference in bare die f o r m
Rev 1.0 02/11/21
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
CMOS Crystal Oscillator
Revision B March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com