Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16L82 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # PAL16L82
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16L82 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button PAL16L82 Datasheet HTML 9Page - Advanced Micro Devices PAL16L82 Datasheet HTML 10Page - Advanced Micro Devices PAL16L82 Datasheet HTML 11Page - Advanced Micro Devices PAL16L82 Datasheet HTML 12Page - Advanced Micro Devices PAL16L82 Datasheet HTML 13Page - Advanced Micro Devices PAL16L82 Datasheet HTML 14Page - Advanced Micro Devices PAL16L82 Datasheet HTML 15Page - Advanced Micro Devices PAL16L82 Datasheet HTML 16Page - Advanced Micro Devices PAL16L82 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AMD
2-15
PAL16R8-4/5 (Com’l)
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V
8
5
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
Parameter
Min
Min
Symbol
Parameter Description
(Note 3)
Max
(Note 3)
Max
Unit
tPD
Input or Feedback to Combinatorial Output
1
5
1
4.5
ns
tS
Setup Time from Input or Feedback to Clock
4.5
4.5
ns
tH
Hold Time
0
0
ns
tCO
Clock to Output
1
4.0
1
3.5
ns
tSKEWR
Skew Between Registered Outputs (Note 4)
1
0.5
ns
tWL
LOW
4
4
ns
tWH
HIGH
4
4
ns
External Feedback
1/(tS + tCO)
117
125
MHz
Internal Feedback
1/(tS + tCF)
125
125
MHz
(fCNT)
(Note 6)
No Feedback
1/(tWH + tWL)
125
125
MHz
tPZX
OE to Output Enable
1
6.5
1
6.5
ns
tPXZ
OE to Output Disable
1
5
1
5
ns
tEA
Input to Output Enable Using
2
6.5
2
6.5
ns
Product Term Control
tER
Input to Output Disable Using
2
5
2
5
ns
Product Term Control
CAPACITANCE (Note 1)
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
TA
= 25
°C
pF
Clock Width
Maximum
Frequency
(Note 5)
fMAX
-5
-4
Notes:
2. See Switching Test Circuit for test conditions.
3. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improve-
ments may alter these values; therefore, minimum values are recommended for simulation purposes only.
4. Skew testing takes into account pattern and switching direction differences between outputs.
5. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where the frequency may be affected.
6. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.
16R8, 16R6,
16R4
16L8, 16R6,
16R4
16L8, 16R8,
16R4
CLK,
OE
I1–I8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com