Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R82 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # PAL16R82
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16R82 Datasheet(HTML) 5 Page - Advanced Micro Devices

  PAL16R82 Datasheet HTML 1Page - Advanced Micro Devices PAL16R82 Datasheet HTML 2Page - Advanced Micro Devices PAL16R82 Datasheet HTML 3Page - Advanced Micro Devices PAL16R82 Datasheet HTML 4Page - Advanced Micro Devices PAL16R82 Datasheet HTML 5Page - Advanced Micro Devices PAL16R82 Datasheet HTML 6Page - Advanced Micro Devices PAL16R82 Datasheet HTML 7Page - Advanced Micro Devices PAL16R82 Datasheet HTML 8Page - Advanced Micro Devices PAL16R82 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AMD
2-7
PAL16R8-4/5/7, D/2 (Com’l)
ORDERING INFORMATION
Commercial Products
AMD programmable logic products for commercial applications are available with several ordering options. The order number
(Valid Combination) is formed by a combination of:
Valid Combinations
Valid Combinations lists configurations planned
to be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
PAL
16
R
8
-5
P C
FAMILY TYPE
PAL = Programmable Array Logic
NUMBER OF
ARRAY INPUTS
OUTPUT TYPE
R = Registered
L = Active-Low Combinatorial
NUMBER OF OUTPUTS
SPEED
-4 = 4.5 ns tPD
-5 = 5 ns tPD
-7 = 7.5 ns tPD
D = 10 ns tPD
PACKAGE TYPE
P = 20-Pin Plastic DIP (PD 020)
J = 20-Pin Plastic Leaded Chip
Carrier (PL 020)
28-Pin Plastic Leaded Chip
Carrier for -4 (PL 028)
D = 20-Pin Ceramic DIP (CD 020)
OPERATING CONDITIONS
C = Commercial (0
°C to +75°C)
OPTIONAL PROCESSING
Blank = Standard Processing
PAL16L8
-5PC, -5JC, -4JC
Valid Combinations
PAL16R8
PAL16R6
PAL16R4
PAL16L8-7
PAL16R8-7
PAL16R6-7
PAL16R4-7
PC, JC, DC
VERSION
Blank = First Revision
/2 = Second Revision
PAL16L8D/2
PAL16R8D/2
PAL16R6D/2
PAL16R4D/2
PC, JC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com