Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R42 Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # PAL16R42
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16R42 Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button PAL16R42 Datasheet HTML 25Page - Advanced Micro Devices PAL16R42 Datasheet HTML 26Page - Advanced Micro Devices PAL16R42 Datasheet HTML 27Page - Advanced Micro Devices PAL16R42 Datasheet HTML 28Page - Advanced Micro Devices PAL16R42 Datasheet HTML 29Page - Advanced Micro Devices PAL16R42 Datasheet HTML 30Page - Advanced Micro Devices PAL16R42 Datasheet HTML 31Page - Advanced Micro Devices PAL16R42 Datasheet HTML 32Page - Advanced Micro Devices PAL16R42 Datasheet HTML 33Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
AMD
2-35
PAL16R8 Family
POWER-UP RESET
The power-up reset feature ensures that all flip-flops will
be reset to LOW after the device has been powered up.
The output state will be HIGH due to the inverting output
buffer. This feature is valuable in simplifying state
machine initialization. A timing diagram and parameter
table are shown below. Due to the synchronous opera-
tion of the power-up reset and the wide range of ways
VCC can rise to its steady state, two conditions are
required to ensure a valid power-up reset. These condi-
tions are:
s The VCC rise must be monotonic.
s Following reset, the clock input must not be driven
from LOW to HIGH until all applicable input and feed-
back setup times are met.
Parameter
Symbol
Parameter Description
Max
Unit
tPR
Power-Up Reset Time
1000
ns
tS
Input or Feedback Setup Time
tWL
Clock Width LOW
tPR
tWL
tS
4 V
VCC
Power
Registered
Active-Low
Output
Clock
16492D-31
See Switching
Characteristics
Power-Up Reset Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com