Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1P50S65M2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # A1P50S65M2
Description  ACEPACKTM 1 sixpack topology, 650 V, 50 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A1P50S65M2 Datasheet(HTML) 4 Page - STMicroelectronics

  A1P50S65M2 Datasheet HTML 1Page - STMicroelectronics A1P50S65M2 Datasheet HTML 2Page - STMicroelectronics A1P50S65M2 Datasheet HTML 3Page - STMicroelectronics A1P50S65M2 Datasheet HTML 4Page - STMicroelectronics A1P50S65M2 Datasheet HTML 5Page - STMicroelectronics A1P50S65M2 Datasheet HTML 6Page - STMicroelectronics A1P50S65M2 Datasheet HTML 7Page - STMicroelectronics A1P50S65M2 Datasheet HTML 8Page - STMicroelectronics A1P50S65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RTHj-c
Thermal resistance
junction-to-case
Each diode
-
1.0
1.1
°C/W
RTHc-h
Thermal resistance case-
to-heatsink
Each diode, λgrease = 1 W/(m·°C)
-
0.9
°C/W
1.3
NTC
Table 5. NTC temperature sensor, considered as stand-alone
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
R25
Resistance
T = 25°C
5
kΩ
R100
Resistance
T = 100°C
493
Ω
ΔR/R
Deviation of R100
-5
+5
%
B25/50
B-constant
3375
K
B25/80
B-constant
3411
K
T
Operating temperature range
-40
150
°C
Figure 1. NTC resistance vs temperature
GADG260720171142NTC
10 4
10 3
10 2
0
25
50
75
100
125
R
(Ω)
TC (°C)
Figure 2. NTC resistance vs temperature, zoom
GADG260720171151NTCZ
800
700
600
500
400
300
85
90
95
100
105
110
R
(Ω)
TC (°C)
max
min
typ
1.4
Package
Table 6. ACEPACK™ 1 package
Symbol
Parameter
Min.
Typ.
Max.
Unit
Visol
Isolation voltage (AC voltage, t = 60 s)
2500
Vrms
Tstg
Storage temperature
-40
125
°C
CTI
Comparative tracking index
200
Ls
Stray inductance module P1 - EW loop
28.7
nH
Rs
Module single lead resistance, terminal-to-chip
3.9
mΩ
A1P50S65M2
NTC
DS12332 - Rev 3
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com