Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2C25S12M3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # A2C25S12M3
Description  ACEPACK 2 converter inverter brake, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2C25S12M3 Datasheet(HTML) 2 Page - STMicroelectronics

  A2C25S12M3 Datasheet HTML 1Page - STMicroelectronics A2C25S12M3 Datasheet HTML 2Page - STMicroelectronics A2C25S12M3 Datasheet HTML 3Page - STMicroelectronics A2C25S12M3 Datasheet HTML 4Page - STMicroelectronics A2C25S12M3 Datasheet HTML 5Page - STMicroelectronics A2C25S12M3 Datasheet HTML 6Page - STMicroelectronics A2C25S12M3 Datasheet HTML 7Page - STMicroelectronics A2C25S12M3 Datasheet HTML 8Page - STMicroelectronics A2C25S12M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
Electrical ratings
1.1
Inverter stage
Limiting values at TJ = 25 °C, unless otherwise specified.
1.1.1
IGBTs
Table 1. Absolute maximum ratings of the IGBTs, inverter stage
Symbol
Description
Value
Unit
VCES
Collector-emitter voltage (VGE = 0 V)
1200
V
IC
Continuous collector current (TC = 100 °C)
25
A
ICP(1)
Pulsed collector current (tp = 1 ms)
50
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total power dissipation of each IGBT (TC = 25 °C, TJ = 175 °C)
197
W
TJMAX
Maximum junction temperature
175
°C
TJop
Operating junction temperature range under switching conditions
-40 to 150
°C
1. Pulse width limited by maximum junction temperature.
Table 2. Electrical characteristics of the IGBTs, inverter stage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
IC = 1 mA, VGE = 0 V
1200
V
VCE(sat)
(terminal)
Collector-emitter saturation
voltage
VGE = 15 V, IC= 25 A
1.95
2.45
V
VGE = 15 V, IC = 25 A, TJ = 150 ˚C
2.3
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 1200 V
100
μA
IGES
Gate-emitter leakage current
VCE = 0 V, VGE = ±20 V
±500
nA
Cies
Input capacitance
VCE = 25 V, f = 1 MHz, VGE = 0 V
1550
pF
Coes
Output capacitance
130
pF
Cres
Reverse transfer capacitance
65
pF
Qg
Total gate charge
VCC = 960 V, IC = 25 A,
VGE = ±15 V
80
nC
td(on)
Turn-on delay time
VCC = 600 V, IC = 25 A,
RG = 15 Ω, VGE = ±15 V,
di/dt = 1290 A/µs
109
ns
tr
Current rise time
15.3
ns
Eon(1)
Turn-on switching energy
0.97
mJ
A2C25S12M3
Electrical ratings
DS12320 - Rev 4
page 2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com